Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 36Page - STMicroelectronics STA450A Datasheet HTML 37Page - STMicroelectronics STA450A Datasheet HTML 38Page - STMicroelectronics STA450A Datasheet HTML 39Page - STMicroelectronics STA450A Datasheet HTML 40Page - STMicroelectronics STA450A Datasheet HTML 41Page - STMicroelectronics STA450A Datasheet HTML 42Page - STMicroelectronics STA450A Datasheet HTML 43Page - STMicroelectronics STA450A Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
STA450A
40/66
3.3.14 EXTRACT_ERROR
2
extract_error_status
bit 7 – PC Detect
0x80 – PCID_UNDETECTED
0x00 – PCID_DETECTED
bit 6 – Service Detect
0x40 – SID_UNDETECTED
0x00 – SID_DETECTED
bit 5 – SC Type Detect
0x20 – SCT_UNDETECTED
0x00 – SCT_DETECTED
bit 4 – Authorisation
0x10 – AUTH_MISSING
0x00 – AUTH_OK
bit 3 – EAR Low
0x08 – EAR_LOW
0x00 – EAR_OK
bit 2 – RAT Block
0x04 – RAT_BLOCK
0x00 – RAT_OK
bit 1 – RAT Low
0x02 – RAT_LOW
0x00 – RAT_OK
b0 – TOD Rollback
0x01 – TOD_ROLLBACK
0x00 – TOD_OK
The bits are ordered from left to right.
The MSB is on the left and the LSB is on
the right.
b7, b6, b5, b4, b3, b2, b1, b0
BYTE
FIELD
VALUE
DESCRIPTION
0
EXTRACT_ERROR_REQ
0x15
Extract Error Request header
1
Location
0x00 – location 0
0x01 – location 1
0x02 – generic error
(TEST only)
DSP reports errors for the selected location
or errors related to the data analysis and
extraction (test only).
BYTE
FIELD
VALUE
DESCRIPTION
0
EXTRACT_ERROR_CFM
0x95
Extract Error Confirm header
1
extract_error_status
bit 7 – PC Detect
0x80 – PCID_UNDETECTED
0x00 – PCID_DETECTED
bit 6 – Service Detect
0x40 – SID_UNDETECTED
0x00 – SID_DETECTED
bit 5 – SC Type Detect
0x20 – SCT_UNDETECTED
0x00 – SCT_DETECTED
bit 4 – Authorisation
0x10 – AUTH_MISSING
0x00 – AUTH_OK
bit 3 – EAR Low
0x08 – EAR_LOW
0x00 – EAR_OK
bit 2 – RAT Block
0x04 – RAT_BLOCK
0x00 – RAT_OK
bit 1 – RAT Low
0x02 – RAT_LOW
0x00 – RAT_OK
b0 – TOD Rollback
0x01 – TOD_ROLLBACK
0x00 – TOD_OK
The bits are ordered from left to right. The
MSB is on the left and the LSB is on the
right.
b7, b6, b5, b4, b3, b2, b1, b0.
If the command is refused 0xFF is returned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com