Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 18Page - STMicroelectronics STA450A Datasheet HTML 19Page - STMicroelectronics STA450A Datasheet HTML 20Page - STMicroelectronics STA450A Datasheet HTML 21Page - STMicroelectronics STA450A Datasheet HTML 22Page - STMicroelectronics STA450A Datasheet HTML 23Page - STMicroelectronics STA450A Datasheet HTML 24Page - STMicroelectronics STA450A Datasheet HTML 25Page - STMicroelectronics STA450A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
STA450A
22/66
Address
: 0x48 - 0x45
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
Description
These registers are associated to error condition inside the STA450A.
A bit set in this table indicates the corresponding event has been occurred. Whenever the corresponding
bit in the INTE table has been set an external interrupt is generated.
To clear the bit a fast command has to be issued (see command description).
Name
Reg
Bit
Comment
BAC_Authorization
0x45
0x01
The radio is entered in maintenance mode
BAC_Deauthorization
0x02
The radio is entered in activation mode
UTC
0x04
Universal Time Code
Response
0x08
I2C page ready to read by system controller
CRB_Table_Complete
0x10
The SDEC have received the CRB last block indication with new
sequence number
BIC_ServiceLabel_0
0x20
Received a new Service label for selection in location 0
BIC_ProgramTypeLabel_0
0x40
Received a new Program Type label for selection in location 0
BIC_ServiceSelection_0
0x80
Received a new Service Selection message for selection in location 0
BIC_SongArtistLabel_0
0x46
0x01
Received a new Song/Artist label for selection in location 0
BIC_ChannelRefernceLabel_0
0x02
Channel Reference Table changed for selection in location 0
ADF_ExtArtistLabel_0
0x04
Received a new Extended Artist label for selection in location 0
ADF_ExtSongLabel_0
0x08
Received a new Extended Song label for selection in location 0
ADF_Text_0
0x10
Received new Text message for selection in location 0
ADF_ProgramStart_0
0x20
Received a new Program Start indication for selection in location 0
ADF_ProgramEnd_0
0x40
Received a new Program End indication for selection in location 0
ADF_ProgramId_0
0x80
Received a new Program ID indication for selection in location 0
ADF_Other_0
0x47
0x01
Received a new Other message for selection in location 0
BIC_ServiceLabel_1
0x02
Received a new Service label for selection in location 1
BIC_ProgramTypeLabel_1
0x04
Received a new Program type label for selection in location 1
BIC_ServiceSelection_1
0x08
Received a new Service Selection message for selection in location 1
BIC_SongArtistLabel_1
0x10
Received a new Song/Artist label for selection in location 1
BIC_ChannelReferenceLabel_1
0x20
Channel Reference Table changed for selection in location 1
ADF_ExtArtistLabel_1
0x40
Received a new Extended Artist label for selection in location 1
ADF_ExtSongLabel_1
0x80
Received a new Extended Song label for selection in location 1
ADF_Text_1
0x48
0x01
Received new Text message for selection in location 1
ADF_ProgramStart_1
0x02
Received a new Program Start indication for selection in location 1
ADF_ProgramEnd_1
0x04
Received a new Program End indication for selection in location 1
ADF_ProgramId_1
0x08
Received a new Program ID indication for selection in location 1
ADF_Other_1
0x10
Received a new Other message for selection in location 1
ChNumChanged_0
0x20
The channel number is changed for SID extracted into location 0
ChNumChanged_1
0x40
The channel number is changed for SID extracted into location 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com