Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 20Page - STMicroelectronics STA450A Datasheet HTML 21Page - STMicroelectronics STA450A Datasheet HTML 22Page - STMicroelectronics STA450A Datasheet HTML 23Page - STMicroelectronics STA450A Datasheet HTML 24Page - STMicroelectronics STA450A Datasheet HTML 25Page - STMicroelectronics STA450A Datasheet HTML 26Page - STMicroelectronics STA450A Datasheet HTML 27Page - STMicroelectronics STA450A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
STA450A
24/66
HOST_STARTUP
Address
: 0x4D
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
Description
Writing 0x01 in this register enables the STA450A sw to leave the wait mode and to start normal process.
Using this register is also possible select special mode for silicon evaluation
Before to set this register is mandatory to program the system PLL , the Audio Fractional PLL and to
configure the PCM output format according to the application DAC.
HOST_Pcmdiv
Address
: 0x4E
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
Description
This register is red by STA450A before to leave the wait mode.
The SCLK signal is derived from the clock PCMCLK.
HOST_pcmdiv = (0_FAC/64) -1 in 16 bit mode
HOST_pcmdiv = (0_FAC/128) -1 in 18/20/24 bit mode
If Pcm_div is set to 0, the SCLK frequency is equal to the PCMCLK frequency.
HOST_Pcmcnf
Address
: 0x4F
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
Description
This register is red by STA450A before to leave the wait mode.
Pcm_prec
Bit [1:0]
00: 16 bits mode.
01: 18 bits mode
10: 20 bits mode
11: 24 bits mode
7654
3210
4D
7654
3210
4E
7654
3210
4F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com