Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 2Page - STMicroelectronics STA450A Datasheet HTML 3Page - STMicroelectronics STA450A Datasheet HTML 4Page - STMicroelectronics STA450A Datasheet HTML 5Page - STMicroelectronics STA450A Datasheet HTML 6Page - STMicroelectronics STA450A Datasheet HTML 7Page - STMicroelectronics STA450A Datasheet HTML 8Page - STMicroelectronics STA450A Datasheet HTML 9Page - STMicroelectronics STA450A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
STA450A
6/66
Note 1. Guaranteed by Design
Note 2. Take into account 200 mV voltage drop in supply lines and Input/Output levels for frequency > 20MHz.
Note 3. Guaranteed by Ipu measurements
Note 4: Performed on all the input pins excluded the pull-down ones
Note 5: Performed on the I/O pins in tristate mode
1.0 FUNCTIONAL DESCRIPTION
1.1 PC BITSTREAM INTERFACE
The STA450A receives a serial data stream from the STA400A Channel Decoder via the PC Bitstream Inter-
face.
Figure 3 shows the stream format outputs from the CDEC (STA400A).
Figure 3. PC Bitstream Interface protocol
Table 1 shows the correspondence between CDEC output clock divider register and the data rate on the bus
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vol
Low level output voltage 2)
Iol = 4mA
0.2
V
Voh
High level output voltage 2)
Ioh = 4mA
2.8
V
CIN
Input Capacitance 1)
1.2
pF
COUT
Output Capacitance 1)
1.9
pF
CIO
I/O (BiDir) Capacitance 1)
2.1
pF
Ilatchup
I/O Latching Current
200
mA
VESD
Electrostatic Protection
Leakage<1
µA4000
V
PCSD
PCDC
PCFS
432ms frame period
CLOCK
TSCC1
TSCC2
PRC_An
PRC_A1
PRC_B1
PRC_Zn
PRC_Z1
PRC_Bn
PCSD
PCDC
PCFS
DC ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com