Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 25Page - STMicroelectronics STA450A Datasheet HTML 26Page - STMicroelectronics STA450A Datasheet HTML 27Page - STMicroelectronics STA450A Datasheet HTML 28Page - STMicroelectronics STA450A Datasheet HTML 29Page - STMicroelectronics STA450A Datasheet HTML 30Page - STMicroelectronics STA450A Datasheet HTML 31Page - STMicroelectronics STA450A Datasheet HTML 32Page - STMicroelectronics STA450A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
29/66
STA450A
HOST_DataPortBitRate
Address
: 0x5F
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
Description
Data port bit rate / 1K (for bitrates
≥ 128Kbps 0xFF is reported)
10: Synchronised
HOST_EVENTINTE 4-5
Address
: 0x66 - 0x67
Type
: R - W
Software Reset
: NA
Hardware Reset
: NA
Description
These registers are associated to event condition inside the SDEC.
The SDEC contains a 16 bits interrupt register associated with 16 bits enable register.
A bit set in this register will enable the generation of an external interrupt on the interrupt line.
The interrupt associated with each bit is given in the register INT description.
HOST_EVENTINT 4-5
Address
: 0x68 - 0x69
Type
: R - W
Software Reset
: NA
Hardware Reset
: NA
Description
These registers are associated to event condition inside the SDEC.
A bit set in this table indicates the corresponding event has been occurred. Whenever the corresponding
bit in the INTE table has been set an external interrupt is generated.
To clear the bit a fast command has to be issued (see command description).
7654
3210
5F
7654
3210
66
INTE[15:8]
67
INTE[7:0]
7654
3210
68
INT[15:8]
69
INT[7:0]
Name
Reg
Bit
Comment
Fast extraction Loc0
0x68
0x01
Channel fast extraction for Loc0 successful
Fast extraction Loc1
0x02
Channel fast extraction for Loc1 successful



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com