Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 41 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 37Page - STMicroelectronics STA450A Datasheet HTML 38Page - STMicroelectronics STA450A Datasheet HTML 39Page - STMicroelectronics STA450A Datasheet HTML 40Page - STMicroelectronics STA450A Datasheet HTML 41Page - STMicroelectronics STA450A Datasheet HTML 42Page - STMicroelectronics STA450A Datasheet HTML 43Page - STMicroelectronics STA450A Datasheet HTML 44Page - STMicroelectronics STA450A Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
41/66
STA450A
3.3.15 SERVICE_CANCEL
3.3.16 SERVICE_ROUTING
3.3.17 CHCHECK_LIST_REQ
BYTE
FIELD
VALUE
DESCRIPTION
0
SERVICE_CANCEL_REQ
0x16
Service Cancel Request header
1
location
0x00 – location 0
0x01 – location 1
Since DSP can extract two services
simultaneously, XM stack specifies
which location to cancel.
BYTE
FIELD
VALUE
DESCRIPTION
0
SERVICE_CANCEL_CFM
0x96
Service Cancel Confirm header
1
location
0x00 – location 0
0x01 – location 1
DSP reports the extraction location that
was cancelled. If the command is
refused 0xFF is returned
BYTE
FIELD
VALUE
DESCRIPTION
0
SERVICE_ROUTING_REQ
0x17
Service Routing Request header
1
location
0x00 – location 0
0x01 – location 1
Since DSP can extract two services
simultaneously, XM stack specifies
which location to change the routing
2
routing
0x00 – No routing
0x01 – AUDIO_PORT
0x02 – DATA_PORT
0x03 – BOTH_PORT
Routing information
BYTE
FIELD
VALUE
DESCRIPTION
0
SERVICE_ROUTING_CFM
0x97
Service Routing Confirm header
1
location
0x00 – location 0
0x01 – location 1
Location that changed routing.
If the command is refused 0xFF is
returned
2
routing
0x00 – No routing
0x01 – AUDIO_PORT
0x02 – DATA_PORT
0x03 – BOTH_PORT
New routing configuration. If the
command is refused the old routing
status is returned
BYTE
FIELD
VALUE
DESCRIPTION
0
CHNCHECK_LIST_REQ
0x18
Channel Check List Request Header
1
extract_type
0x00 – Audio
0x01 - Data
MMI can extract the audio or data
service component.
2
prog_type_flag
0x00 – FALSE
0x01 - TRUE
If the MMI is requesting only the
channels belonging to a program type,
then the prog_type_flag is set to TRUE.
If the MMI is requesting all channels,
then the prog_type_flag is set to FALSE.
3
program_type
1 - 31
If the prog_type_flag is set to TRUE,
then the SDEC reports the service
labels that only belongs to this program
type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com