Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 43 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 39Page - STMicroelectronics STA450A Datasheet HTML 40Page - STMicroelectronics STA450A Datasheet HTML 41Page - STMicroelectronics STA450A Datasheet HTML 42Page - STMicroelectronics STA450A Datasheet HTML 43Page - STMicroelectronics STA450A Datasheet HTML 44Page - STMicroelectronics STA450A Datasheet HTML 45Page - STMicroelectronics STA450A Datasheet HTML 46Page - STMicroelectronics STA450A Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
43/66
STA450A
3.3.19 CHANNEL STATUS_LIST_REQ
BYTE
FIELD
VALUE
DESCRIPTION
0
EXTRACT_STATUS_CFM
0x99
Extract Status Confirm header
1
location
0x00 – location 0
0x01 – location 1
Since SDEC can extract two services
simultaneously, system controller
assigns an extraction location.
2
Channel number
1-255
Extracted channel number
3
SID
1-255
SID of location 0 extraction.
4
Extraction status
0x00 – Not initiated
0x01 – In progress
0x02 - Ok
0x03 – Incorrect parameter in
command.
5
extract_error_status
bit 7 – PC Detect
0x80 – PCID_UNDETECTED
0x00 – PCID_DETECTED
bit 6 – Service Detect
0x40 – SID_UNDETECTED
0x00 – SID_DETECTED
bit 5 – SC Type Detect
0x20 – SCT_UNDETECTED
0x00 – SCT_DETECTED
bit 4 – Authorization
0x10 – AUTH_MISSING
0x00 – AUTH_OK
bit 3 – Reserved
bit 2 – RAT Block
0x04 – RAT_BLOCKED
0x00 – RAT_UNBLOCKED
bit 1 – RAT Low
0x02 – RAT_LOW
0x00 – RAT_OK
b0 – TOD Rollback
0x01 – TOD_ROLLBACK
0x00 – TOD_OK
The bits are ordered from left to right.
The MSB is on the left and the LSB is on
the right.
b7, b6, b5, b4, b3, b2, b1, b0
6 – 8
Counter
Byte 6: LSB byte
Byte 7: Middle byte
Byte 8: MSB byte
If status=0, counter = 0
For all other status, counter is #x432ms
for actual time, counter will be running
free until a channel is selected or
initialized on the next fast extract
command
BYTE
FIELD
VALUE
DESCRIPTION
0
CHNSTATUS_LIST_REQ
0x1A
Channel Status List Request Header
1
start_channel_number
1 - 255
The channel number where the SDEC
starts the status check.
2
channel_number
1 to 32 max
number of selectable channels will be
returned
3
extract_type
0x00- Audio
0x01 - Data
MMI can extract the audio or data
service component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com