Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 44 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 40Page - STMicroelectronics STA450A Datasheet HTML 41Page - STMicroelectronics STA450A Datasheet HTML 42Page - STMicroelectronics STA450A Datasheet HTML 43Page - STMicroelectronics STA450A Datasheet HTML 44Page - STMicroelectronics STA450A Datasheet HTML 45Page - STMicroelectronics STA450A Datasheet HTML 46Page - STMicroelectronics STA450A Datasheet HTML 47Page - STMicroelectronics STA450A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
STA450A
44/66
4
prog_type_flag
0x00 – FALSE
0x01 - TRUE
If the MMI is requesting only the service
labels belonging to a program type, then
the prog_type_flag is set to TRUE. If the
MMI is requesting all service labels, then
the progtype_filter_flag is set to FALSE.
5
program_type
1 - 31
If the prog_type_flag is set to TRUE,
then the SDEC reports the service
labels that only belongs to this program
type.
6
crw_report _flag
0x00 - FALSE
0x01 - TRUE
if the crw_report-flag is set to TRUE,
then the SDEC reports the CRW for
each selectable channel requested.
7
sib1_report_flag
0x00 – FALSE
0x01 - TRUE
if the sib1_report_flag is set to TRUE,
then the SDEC reports the program
types for each selectable channel
requested.
8
sib2_report_flag
0x00 – FALSE
0x01 - TRUE
if the sib2_report_flag is set to TRUE,
then the SDEC reports SIB2t (service
selectable) for each selectable channel
requested.
9
sib3_report_flag
0x00 – FALSE
0x01 - TRUE
if the sib3_report_flag is set to TRUE,
then the SDEC reports SIB3( artist
name and song title) for each selectable
channel requested.
BYTE
FIELD
VALUE
DESCRIPTION
0
CHNSTATUS_LIST_CFM
0x9A
Channel Status List Confirm Header
1 - 2
size
0x0000 to 0x07A0 (bytes)
Size in byte of the Channel Status List
Confirm response. The size excluding
byte 0, 1, 2
MSB in byte 1. LSB in byte 2.
3
channel_number
1 - 255
The channel number of the first available
service label.
4
service_check_status
bit 7 – Reserved
bit 6 - PC Format
0x40 – PC_STANDARD
0x00 – PC_NONSTANDARD
bit 5 – Service On-Air
0x20 – SERVICE_ONAIR
0x00 – SERVICE_OFFAIR
bit 4 – Reserved
bit 3 – Service Free
0x08 – SERVICE_FREE
0x00 – SERVICE_NOTFREE
bit 2 – Activation
0x04 – ACT_PRESENT
0x00 – ACT_ABSENT
bit 1 – Authorization
0x02 – AUTH_PRESENT
0x00 – AUTH_ABSENT
b0 - Reserved
The bits are ordered from left to right.
The MSB is on the left and the LSB is on
the right.
b7, b6, b5, b4, b3, b2, b1, b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com