Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 60 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 56Page - STMicroelectronics STA450A Datasheet HTML 57Page - STMicroelectronics STA450A Datasheet HTML 58Page - STMicroelectronics STA450A Datasheet HTML 59Page - STMicroelectronics STA450A Datasheet HTML 60Page - STMicroelectronics STA450A Datasheet HTML 61Page - STMicroelectronics STA450A Datasheet HTML 62Page - STMicroelectronics STA450A Datasheet HTML 63Page - STMicroelectronics STA450A Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
STA450A
60/66
3) Schmitt Trigger Input Pad Buffer
4) Output Pad Buffer, 4mA with slew rate control.
5) BiDir Pad Buffer, 4mA with slew rate control.
6) Schmitt Trigger BiDir Pad Buffer, 4mA with slew rate control.
7) Analog Pad Buffer
5.0 TIMING DIAGRAM (GUARANTED BY DESIGN)
5.1 Audio DAC Interface (PCM)
EXTERNAL PIN
INPUT CAP.
A
1.3pF
A
D99AU1072
Z
A
D98AU920
Z
EXTERNAL PIN
MAX LOAD
A
100pF
EN
A
ZI
D99AU1074A
IO
EXTERNAL PIN
INPUT CAP.
MAX LOAD
I/O
1.3pF
100pF
EN
A
D98AU921
ZI
IO
EXTERNAL PIN
INPUT CAP.
MAX LOAD
I/O
1.3pF
100pF
A
550
STA400_1
Z
I/O
EXTERNAL PIN
INPUT CAP.
A
1.9pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com