Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 35Page - STMicroelectronics STA450A Datasheet HTML 36Page - STMicroelectronics STA450A Datasheet HTML 37Page - STMicroelectronics STA450A Datasheet HTML 38Page - STMicroelectronics STA450A Datasheet HTML 39Page - STMicroelectronics STA450A Datasheet HTML 40Page - STMicroelectronics STA450A Datasheet HTML 41Page - STMicroelectronics STA450A Datasheet HTML 42Page - STMicroelectronics STA450A Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
39/66
STA450A
3.3.13 SERVICE_EXTRACT
3,4,5,6
crw
Channel Reference Word
Reference: Service Layer Specification
7
sib1_status
0x00 – SIB1_ABSENT
0x01 – SIB1_PRESENT
If service information block 1 was not
received, then DSP returns
SIB1_ABSENT. If service information
block 1 was received, then DSP returns
SIB1_PRESENT.
8 to 15
service_block1
Service Information Block 1
Reference: Service Layer Specification
BYTE
FIELD
VALUE
DESCRIPTION
0
SERVICE_EXTRACT_REQ
0x14
Service Extract Request header
1
location
0x00 – location 0
0x01 – location 1
Since DSP can extract two services
simultaneously, XM stack assigns an
extraction location.
2 – 3
pc_detect_time
0x0001 to 0xFFFF
Number of master frame that the DSP
waits for the primary PCID or secondary
PCID.
4
sid
1 – 255
Service Identifier
5
sc_type
0x03 – Audio AMBE
0x05 – Audio AAC+
0x0A – Trans. Data
Service Component Type
Reference: Service Layer Specification;
page 21
6
primary_pcid
5 – 255
Primary Payload Channel Identification
Reference: Transport Layer Specification
7
Secondary_pcid
5 – 255
Secondary Payload Channel
Identification
Reference: Transport Layer Specification
8
Routing
0x00 – No routing
0x01 – AUD_PORT
0x02 – DAT_PORT
0x03 – BOTH_PORT
Routing information
A data service component can only be
routed to the data port (DAT_PORT). An
audio service component be routed to
audio port (AUD_PORT), data port
(DAT_PORT) or both the audio and data
port (BOTH_PORT).
BYTE
FIELD
VALUE
DESCRIPTION
0
SERVICE_EXTRACT_CFM
0x94
Service Extract Confirm header
1
Location
0x00 – location 0
0x01 – location 1
0xFF – command refused
Location assigned to the service. If the
command was refused the location is set
to 0xFF. This can happen if the
extraction of a component with routing
for audio port is commanded and a
component with routing audio port is
already extracted in the other location or
if an inexistent location is passed to the
DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com