Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 31Page - STMicroelectronics STA450A Datasheet HTML 32Page - STMicroelectronics STA450A Datasheet HTML 33Page - STMicroelectronics STA450A Datasheet HTML 34Page - STMicroelectronics STA450A Datasheet HTML 35Page - STMicroelectronics STA450A Datasheet HTML 36Page - STMicroelectronics STA450A Datasheet HTML 37Page - STMicroelectronics STA450A Datasheet HTML 38Page - STMicroelectronics STA450A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
35/66
STA450A
3.3.6
FADE_IN_OUT
3.3.7
SOFT_MUTE
BYTE
FIELD
VALUE
DESCRIPTION
0
HARD_MUTE_CFM
0x84
DSP hard mute confirmation
BYTE
FIELD
VALUE
DESCRIPTION
0
FADE_IN_OUT _REQ
0x05
DSP Fade In/Out Request header
1
nr_fadeout_frames
0x03 – Default
Number of fadeout frames until mute state is
reached for frequencies less than 32kbps
2
nr_fadein_frames
0x05 – Default
Number of fadein frames until regular state
is reached for frequencies less than 32kbps
3
nr_valide_frames
0x05 – Default
Number of valid frames before fadein starts
for frequencies less than 32kbps
4
cmftNoiseLimit
0x00 – Min
0x01 – Default
0x64 (100) – Max
This parameter give the maximum level for
‘comfort noise’. This must be the percentage
value respect to the maximum (for
frequencies less than 32kbps)
5
nr_fadeout_frames
0x06 – Default
Number of fadeout frames until mute state is
reached for frequencies greater than 32kbps
6
nr_fadein_frames
0x05 – Default
Number of fadein frames until regular state
is reached for frequencies greater than
32kbps
7
nr_valide_frames
0x05 – Default
Number of valid frames before fadein starts
for frequencies greater than 32kbps
8
cmftNoiseLimit
0x00 – Min
0x01 – Default
0x64 (100) – Max
This parameter give the maximum level for
‘comfort noise’. This must be the percentage
value respect to the maximum (for
frequencies greater than 32kbps)
BYTE
FIELD
VALUE
DESCRIPTION
0
FADE_IN_OUT _CFM
0x85
DSP Fade In/Out confirmation
1
Command status
0x01 = success
0xFF = command not executed
BYTE
FIELD
VALUE
DESCRIPTION
0
SOFT_MUTE_REQ
0x06
DSP soft mute Request header
1
Soft_playmute
0 – play
1 – soft mute
BYTE
FIELD
VALUE
DESCRIPTION
0
SOFT_MUTE_CFM
0x86
DSP soft mute confirmation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com