Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 12Page - STMicroelectronics STA450A Datasheet HTML 13Page - STMicroelectronics STA450A Datasheet HTML 14Page - STMicroelectronics STA450A Datasheet HTML 15Page - STMicroelectronics STA450A Datasheet HTML 16Page - STMicroelectronics STA450A Datasheet HTML 17Page - STMicroelectronics STA450A Datasheet HTML 18Page - STMicroelectronics STA450A Datasheet HTML 19Page - STMicroelectronics STA450A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
STA450A
16/66
HOST @
Name
Register
size
Mode
SW
Reset
HW
Reset
Comment
0x47
HOST_EVENTINT2
8 bits
R – W
NA
NA
EVENT Interrupt value bit[23:16]
0x48
HOST_EVENTINT3
8 bits
R – W
NA
NA
EVENT Interrupt value bit[31:24]
0x49
HOST_ERRINTEL
8 bits
R – W
NA
NA
ERROR Interrupt enable bit[7:0]
0x4A
HOST_ERRINTEH
8 bits
R – W
NA
NA
ERROR Interrupt enable bit[15:8]
0x4B
HOST_ERRINTL
8 bits
R – W
NA
NA
ERROR Interrupt value bit[7:0]
0x4C
HOST_ERRINTH
8 bits
R – W
NA
NA
ERROR Interrupt value bit[15:8]
0x4D
HOST_STARTUP
8 bits
R – W
NA
NA
Startup
0x4E
HOST_PCMDIV
8 bits
R – W
NA
NA
Pcm clock divider
0x4F
HOST_PCMCNF
8 bits
R – W
NA
NA
Pcm Configuration
0x50
HOST_APLL48_LSB (1)
8 bits
R – W
NA
NA
Fractional PLL LSB reference
value for Fs = 48KHz family
0x51
HOST_APLL48_MSB(1)
8 bits
R – W
NA
NA
Fractional PLL MSB reference
value for Fs = 48KHz family
0x52
HOST_APLL48_XDIV(1)
8 bits
R – W
NA
NA
Fractional PLL X Divider for Fs =
48KHz family
0x53
HOST_APLL48_MDIV(1)
8 bits
R – W
NA
NA
Fractional PLL M Divider for Fs =
48KHz family
0x54
HOST_APLL48_NDIV(1)
8 bits
R – W
NA
NA
Fractional PLL N Divider for Fs =
48KHz family
0x55
HOST_APLL441_LSB(1)
8 bits
R – W
NA
NA
Fractional PLL LSB reference
value for Fs = 44.1KHz family
0x56
HOST_APLL441_MSB(1)
8 bits
R – W
NA
NA
Fractional PLL MSB reference
value for Fs = 44.1KHz family
0x57
HOST_APLL441_XDIV(1)
8 bits
R – W
NA
NA
Fractional PLL X Divider for Fs =
44.1KHz family
0x58
HOST_APLL441_MDIV(1)
8 bits
R – W
NA
NA
Fractional PLL M Divider for Fs =
44.1KHz family
0x59
HOST_APLL441_NDIV(1)
8 bits
R – W
NA
NA
Fractional PLL N Divider for Fs =
44.1KHz family
0x5A
ENABLE_IT432
8 bits
R – W
NA
NA
Enable control with FRAC PLL
0x5B
IT432_CONF
8 bits
R – W
NA
NA
Edge configuration for IT432
0x5C
HOST_MaxDev
8 bits
R – W
NA
NA
Hax duration windows divider
factor
0x5D
HOST_Decoder BitRate
8 bits
R – W
NA
NA
Active Audio decoder bitrate
0x5E
HOST_Bitstream Synchro
8 bits
R – W
NA
NA
Synchronization
0x5F
Host_DataPort_BitRate
8 bits
R – W
NA
NA
Data Port Bit Rate
0x60 to
0x65
Reserved
0x66
HOST_EVENTINTE4
8 bits
R – W
NA
NA
EVENT interrupt enable bit [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com