Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 13Page - STMicroelectronics STA450A Datasheet HTML 14Page - STMicroelectronics STA450A Datasheet HTML 15Page - STMicroelectronics STA450A Datasheet HTML 16Page - STMicroelectronics STA450A Datasheet HTML 17Page - STMicroelectronics STA450A Datasheet HTML 18Page - STMicroelectronics STA450A Datasheet HTML 19Page - STMicroelectronics STA450A Datasheet HTML 20Page - STMicroelectronics STA450A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
17/66
STA450A
Note: NA: Not Applicable, NC: Not Change, R: Read Only, W: Write Only
Note1: These registers must be programmed before the start-up of the DSP (writing in register 0x4D)
2.4 REGISTER DESCRIPTION
HOST_VERSION
Address
: 0x00
Type
: R
Software Reset
: 0x10
Hardware Reset
: 0x10
Description
The VERSION register is read-only and is used to identify the IC cut . The VERSION register holds the
cut number (binary decimal encoded)
HOST_ID
Address
: 0x01
Type
: R
Software Reset
: 0x20
Hardware Reset
: 0x20
Description
The HOST_ID register is read-only and is used to identify the IC on an application board. The ID is fixed
for all IC cut. The STA450A has the ID 0xAC.
HOST @
Name
Register
size
Mode
SW
Reset
HW
Reset
Comment
0x67
HOST_EVENTINTE5
8 bits
R – W
NA
NA
EVENT interrupt enable bit [15:8]
0x68
HOST_EVENTINT4
8 bits
R – W
NA
NA
EVENT interrupt value bit [7:8]
0x69
HOST_EVENTINT5
8 bits
R – W
NA
NA
EVENT interrupt value bit [15:8]
0x6A
Reserved
0x6B
AudioDec Result
8 bits
R – W
NA
NA
Audio Decoder Result
0x6C
HOST_MFC
8 bits
R – W
NA
NA
Master Frame counter (MFC) LSB
part (7 bits)
0x6D to
0x7E
Command
8 bits
R – W
NA
NA
0x7F
HOST_PAGE_CTRL
8 bits
R – W
NA
NA
More page indication and number
of byte in the page
0x80 to
0xFF
Data Page
8 bits
R – W
NA
NA
7654
3210
00
7654
3210
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com