Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 3 Page - STMicroelectronics

  STA450A Datasheet HTML 1Page - STMicroelectronics STA450A Datasheet HTML 2Page - STMicroelectronics STA450A Datasheet HTML 3Page - STMicroelectronics STA450A Datasheet HTML 4Page - STMicroelectronics STA450A Datasheet HTML 5Page - STMicroelectronics STA450A Datasheet HTML 6Page - STMicroelectronics STA450A Datasheet HTML 7Page - STMicroelectronics STA450A Datasheet HTML 8Page - STMicroelectronics STA450A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
3/66
STA450A
PIN FUNCTION
N°
Pin
Type
Function
Pad Description
1,6,53
NU(IT_1),
NU(IT_2),
NU(IT_0)
I
Not Used (must be connected to
ground in functional mode)
Schmitt Trigger Buffer
2,9,15,23,
30,37,44,5
0,57,62,69
,76
GND1…,GND12
Ground
3,10,16,
24,31,38,4
5,51,58,63
,70,77
VDD1…,VDD12
1.8V Core Supply Voltage
4
TEST0
I
Test Pin (must be connected to
ground in functional mode)
Analog Pad
5
CLK_IN
I
Clock Input
Schmitt Trigger Buffer
7
TESTB
I
Test Pin
Input Pad Buffer with Active Pull-Up
8
CAP_RST (GPIO_4)
I/O
CAP Reset
Bi Dir Pad, 4mA Output Buffer with
Slew Rate Control
11,32,52,7
1
VDD_IO1,…
VDD_IO4
3.3V I/O Supply Voltage
12
CLK_OUT
O
Clock Out
4mA Output Buffer with Slew Rate
Control
13
SCL_M
O
I2C Master Serial Clock
4mA Output Buffer with Slew Rate
Control
14
SDA_M
I/O
I2C Master Serial Data
Bi Dir Pad, 4mA Output Buffer with
Slew Rate Control
17,27,28,4
0
NU(FIT_0),
NU(FIT_3),
NU(FIT_4), NU(FIT_1)
I
Not Used (must be connected to
ground in functional mode)
Schmitt Trigger Buffer
18
SCAN_MODE
I
Scan Mode (must be connected to
ground in functional mode)
Input Pad Buffer
19
APLL_GND
Analog Ground for Audio PLL
20
APLL_VDD
1.8V Analog Supply for Audio PLL
21
FILT_0
PLL Filter
Analog Pad
22
NU
Not Used
25,26
CLK_M1, CLK_M0
I
Selection of Input Clock for the DSP
core and peripherals
Input Pad Buffer
29
PLL_SYNC (FIT_5)
I
Fractional Audio PLL Sync.
Schmitt Trigger Buffer
33
PCDC
I/O
PC Bitstream Data Clock
Schmitt Trigger Bi Dir Pad, 4mA
Output Buffer with Slew Rate Control
34
PCSD
I/O
PC Bitstream Serial Data
Schmitt Trigger Bi Dir Pad, 4mA
Output Buffer with Slew Rate Control
35,41,46
NU(USSIO0_LRCLK)
NU(USSIO1_LRCLK)
NU(USSIO2_LRCLK)
I/O
Not Used (must be connected to
ground in functional mode)
Schmitt Trigger Bi Dir Pad, 4mA
Output Buffer with Slew Rate Control
36
NU(REQ)
O
Not used
4mA Output Buffer with Slew Rate
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com