Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 15Page - STMicroelectronics STA450A Datasheet HTML 16Page - STMicroelectronics STA450A Datasheet HTML 17Page - STMicroelectronics STA450A Datasheet HTML 18Page - STMicroelectronics STA450A Datasheet HTML 19Page - STMicroelectronics STA450A Datasheet HTML 20Page - STMicroelectronics STA450A Datasheet HTML 21Page - STMicroelectronics STA450A Datasheet HTML 22Page - STMicroelectronics STA450A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
19/66
STA450A
Hardware Reset
: 0
Description
Bit [1:0]
00: no action is performed on the configuration registers of the Level 1.
01: Read action of the configuration registers. During this phase, the content of a selected (by
HOST_pll_add) configuration register of the Level 1 is copied into the HOST_pll_data register.
10: Write action of the configuration registers. During this phase, the content of the
HOST_pll_data
register is copied into a selected (by HOST_pll_add) configuration register of the Level 1.
11: do not use.
Bit 2
The bit controls the transfer of the data between the Level 1 and the Level 2 for the System
PLL. When this bit is set, all the registers of the Level 1 (sys_ndiv, sys_pdiv, sys_setupH,
sys_setupL, sys_enable) are copied into the registers of the Level 2 at the same time.
When this bit is cleared, all the Level 2 registers have a stable state independently of the Level
1 registers.
Bit3
Reserved
Bit 4
This bit must be used when switching from one System PLL configuration to the other one.
This bit must be used in conjunction with the bit [2].
HOST_Plladd
Address
: 0x1D
Type
: R/W
Software Reset
: 0
Hardware Reset
: 0
Description
In the follow table the description of the registers addressable by the HOST_Plladd to control the system PLL
7654
3210
1D
Add
Name
Size
Mode
SW
Reset
HW
Reset
Comment
3
pllsys_disable
1
R - W
NC
0
System PLL disable control
0 : system PLL enabled
1 : system PLL disabled
4
pllsys_F_low
8
R - W
NC
0
8 low bits of Fractional value for
system PLL
5
pllsys_F_high
8
R - W
NC
0
8 high bits of Fractional value for
system PLL
6
pllsys_S
5
R - W
NC
2
S divider for system PLL
7
pllsys_N
4
R - W
NC
1
N divider for system PLL
8
pllsys_X
7
R - W
NC
0
X divider for system PLL
9
pllsys_M
5
R - W
NC
9
M divider for system PLL
10(0xA)
pllsys_update_frac
1
R - W
NC
0
Update Fractional value for
system PLL
12(0xC)
pllsys_paddiv
4
R - W
NC
3
pad clock divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com