Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 17Page - STMicroelectronics STA450A Datasheet HTML 18Page - STMicroelectronics STA450A Datasheet HTML 19Page - STMicroelectronics STA450A Datasheet HTML 20Page - STMicroelectronics STA450A Datasheet HTML 21Page - STMicroelectronics STA450A Datasheet HTML 22Page - STMicroelectronics STA450A Datasheet HTML 23Page - STMicroelectronics STA450A Datasheet HTML 24Page - STMicroelectronics STA450A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
21/66
STA450A
HOST_ClkStop
Address
: 0x3A
Type
: R
Software Reset
: NA
Hardware Reset
: 0
Description
Clearing the bit 0 the clock to the core is started.
HOST_SOFTVER
Address
: 0x40
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
Description
The SOFTVER register is the version of the microcode which is running on the device (BCD).
This register is updated just after a soft reset of the device.
HOST_EVENTINTE 0 -1 -2 -3
Address
: 0x44 - 0x41
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
Description
These registers are associated to error condition inside the STA450A.
The STA450A contains a 32 bits interrupt register associated with 32 bits enable register.
A bit set in this register will enable the generation of an external interrupt on the interrupt line.
The interrupt associated with each bit is given in the register INT description.
HOST_EVENTINT 0 - 1 - 2 - 3
7654
3210
3A
7654
3210
40
7654
3210
44
INTE[31:24]
43
INTE[23:16]
42
INTE[15:8]
41
INTE[7:0]
7654
3210
48
INT[31:24]
47
INT[23:16]
46
INT[15:8]
45
INT[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com