Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 45 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 41Page - STMicroelectronics STA450A Datasheet HTML 42Page - STMicroelectronics STA450A Datasheet HTML 43Page - STMicroelectronics STA450A Datasheet HTML 44Page - STMicroelectronics STA450A Datasheet HTML 45Page - STMicroelectronics STA450A Datasheet HTML 46Page - STMicroelectronics STA450A Datasheet HTML 47Page - STMicroelectronics STA450A Datasheet HTML 48Page - STMicroelectronics STA450A Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
45/66
STA450A
5 - 8
crw
Channel Reference Word
Reference: Service Layer Specification
Revison 1.2, page 38 and 56.
9
sib1_status
0x00 - SIB1_ABSENT
0x01 - SIB1_PRESENT
10
program_type0
1 - 31
The channel’s first program type.
Note if SIB1 is absent, SDEC inserts
0x00 for program type.
11
program_type1
1 - 31
The channel’s second program type.
Note if SIB1 is absent, SDEC inserts
0x00 for program type.
12
program_type2
1 - 31
The channel’s third program type.
Note if SIB1 is absent, SDEC inserts
0x00 for program type.
13
program_type3
1 - 31
The channel’s fourth program type.
Note if SIB1 is absent, SDEC inserts
0x00 for program type
14
sib2_status
0x00 – SIB2_ABSENT
0x01 – SIB2_PRESENT
SIB2 status
15 to 30
service_label
ISO-8859-1 character set
The service label (SIB2).
Note If sib2 is ABSENT, SDEC inserts
0x00 for all 16 characters.
31
sib3_status
0x00 – SIB3_ABSENT
0x01 – SIB3_PRESENT
SIB3 status
32 to 47
artist_name
ISO-8859-1 character set
artist_name
Note If sib3 is ABSENT, SDEC inserts
0x00 for all 16 characters.
48 to 63
song_title
ISO-8859-1 character set
song title
Note If sib3 is ABSENT, SDEC inserts
0x00 for all 16 characters.
……
……
……
……
……
……
……
……
……
……
……
……
size - 61
channel_number
1- 255
The channel number of the last available
service label
size - 60
service_check_status
same as above
same as above
size - 59
to size -54
crw
Channel Reference Word
Reference: Service Layer Specification
Revison 1.2, page 38 and 56.
size - 55
sib1_status
0x00 – SIB1_ABSENT
0x01 – SIB1_PRESENT
sib1 status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com