Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 46 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 42Page - STMicroelectronics STA450A Datasheet HTML 43Page - STMicroelectronics STA450A Datasheet HTML 44Page - STMicroelectronics STA450A Datasheet HTML 45Page - STMicroelectronics STA450A Datasheet HTML 46Page - STMicroelectronics STA450A Datasheet HTML 47Page - STMicroelectronics STA450A Datasheet HTML 48Page - STMicroelectronics STA450A Datasheet HTML 49Page - STMicroelectronics STA450A Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
STA450A
46/66
3.3.20 LABELMON_LIST_REQ
size - 54
program_type0
1 - 31
The channel’s first program type.
Note if SIB1 is absent, SDEC inserts
0x00 for program type.
size - 53
program_type1
1 - 31
The channel’s second program type.
Note if SIB1 is absent, SDEC inserts
0x00 for program type.
size - 52
program_type2
1 - 31
The channel’s third program type.
Note if SIB1 is absent, SDEC inserts
0x00 for program type.
size - 51
program_type3
1 - 31
The channel’s fourth program type.
Note if SIB1 is absent, SDEC inserts
0x00 for program type.
size - 50
sib2_satus
0x00 – SIB2_ABSENT
0x01 – SIB2_PRESENT
SIB2 status
size - 49
to
size - 32
service_label
ISO-8859-1 character set.
The service label (SIB2)
Note If sib2 is ABSENT, SDEC inserts
0x00 for all 16 characters
size - 33
to
size - 31
sib3_satus
0x00 – SIB3_ABSENT
0x01 – SIB3_PRESENT
SIB3 status
size - 32
to
size - 15
artist_name
ISO-8859-1 character set.
artist name
Note If sib3 is ABSENT, SDEC inserts
0x00 for all 16 characters
size - 16
to size - 1
song_title
ISO-8859-1 character set.
song title.
Note If sib3 is ABSENT, SDEC inserts
0x00 for all 16 characters
BYTE
FIELD
VALUE
DESCRIPTION
0
LABELMON_LIST_REQ
0x1B
Label Monitor List Request Header
1
monitor_request
0x00 – monitor label changes
for all channels.
0x01 (NEW)
0x03 (ADD) –
monitor label changes for
channels listed below (from
byte 23 to byte 16). 0x01
means the start of a new list.
0x03 means the updating of a
list. In this way giving this
command more than 1 time
you can choose every channel
number to test
0x02 (NEW) –
0x04 (ADD)
monitor label changes for
channels that belongs to
program types listed below
(from byte 2 to byte 16)
The channel monitor type. Note if
monitor request set to 0x00 (all
channels), this command is only two
byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com