Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 26Page - STMicroelectronics STA450A Datasheet HTML 27Page - STMicroelectronics STA450A Datasheet HTML 28Page - STMicroelectronics STA450A Datasheet HTML 29Page - STMicroelectronics STA450A Datasheet HTML 30Page - STMicroelectronics STA450A Datasheet HTML 31Page - STMicroelectronics STA450A Datasheet HTML 32Page - STMicroelectronics STA450A Datasheet HTML 33Page - STMicroelectronics STA450A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
STA450A
30/66
HOST_ AudioDecResult
Address
: 0x6B
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
Description
Upper nibble defines the decoder type:
0x10: AMBE
0x20: AAC
Lower nibble defines the Audio decoder result.
0x00
data ok
0x01
error concealment (only for AAC)
0x02
synchronization lost, output muted
HOST_ MFC
Address
: 0x6C
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
CRW monitor list change
0x04
Channel Reference Word list changed
Program Type (BIC 3) change
0x08
Program Type (BIC 3) changed
Artist and Song change
0x10
Artist and Song changed
Service Label (BIC 5) change
0x20
Service Label (BIC 5) changed
Program Label change
0x40
Program Label changed
BIC Extended Song label Loc0
0x80
Extended Song label for Loc0 changed
BIC Text Label Loc0
0x69
0x01
Text Label for Loc0 changed
BIC Extended Artist label Loc0
0x02
Extended Artist label for Loc0 changed
BIC Extended Song label Loc1
0x04
Extended Song label for Loc1 changed
BIC Extended Artist label Loc1
0x08
Extended Artist label for Loc1 changed
BIC Text Label Loc1
0x10
Text Label for Loc1 changed
RFU
0x20
RFU
0x40
RFU
0x80
7654
3210
6B
7654
3210
6C
Name
Reg
Bit
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com