Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 21Page - STMicroelectronics STA450A Datasheet HTML 22Page - STMicroelectronics STA450A Datasheet HTML 23Page - STMicroelectronics STA450A Datasheet HTML 24Page - STMicroelectronics STA450A Datasheet HTML 25Page - STMicroelectronics STA450A Datasheet HTML 26Page - STMicroelectronics STA450A Datasheet HTML 27Page - STMicroelectronics STA450A Datasheet HTML 28Page - STMicroelectronics STA450A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
25/66
STA450A
Invert_sclk
Bit 2
0: LRCLK and PCM_OUT sampled on the falling edge of the SCLK
1: LRCLK and PCM_OUT sampled on the raising edge of the SCLK
Format
Bit 3
0: the output is in I2S format.
1: the output is in SONY format.
Invert_lrclk
Bit 4
0: LRCLK = 0 (low) will select the left channel.
1: LRCLK = 1 (high) will select the left channel
Pcm_dif
Bit 5
0: data are in the last SCLK cycles of LRCLK (right aligned)
1: data are in the first SCLK cycles of LRCLK (left aligned)
Pcm_ord
Bit 6
0: the transmission is done LSB first.
1: the transmission is done MSB first.
Pcm_iec_chansel
Bit 7
0: no iec958 output.
1: iec958 output, data on I2S pin (PCSD) are no more valid.
HOST_APLL48_LSB
Address
: 0x50
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
HOST_APLL48_MSB
Address
: 0x51
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
Description
The HOST_APLL48_LSB and the HOST_APLL48_MSB are considered logically concatenated and
contain the fractional values for the Audio Fractional PLL for the Fs = 48KHz family.
The registers have to be programmed before the start_up of the DSP.
HOST_APLL48_XDIV
Address
: 0x52
7654
3210
50
7654
3210
51
7654
3210
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com