Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 42 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 38Page - STMicroelectronics STA450A Datasheet HTML 39Page - STMicroelectronics STA450A Datasheet HTML 40Page - STMicroelectronics STA450A Datasheet HTML 41Page - STMicroelectronics STA450A Datasheet HTML 42Page - STMicroelectronics STA450A Datasheet HTML 43Page - STMicroelectronics STA450A Datasheet HTML 44Page - STMicroelectronics STA450A Datasheet HTML 45Page - STMicroelectronics STA450A Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
STA450A
42/66
3.3.18 EXTRACT_STATUS_REQ
BYTE
FIELD
VALUE
DESCRIPTION
0
CHNCHECK_LIST_CFM
0x98
Channel Check List Confirm Header
1
Command_status
0x01 - succesful
0xFF - failure
2
channel_bit_mask00
bit 7 – channel 007
bit 6 – channel 006
bit 5 – channel 005
bit 4 – channel 004
bit 3 – channel 003
bit 2 – channel 002
bit 1 – channel 001
bit 0 – channel 000
Channel mask 0 – channel status
indication bits for channels 0 to channel
7.
3
channel_bit_mask01
bit 7 – channel 015
bit 6 – channel 014
bit 5 – channel 013
bit 4 – channel 012
bit 3 – channel 011
bit 2 – channel 010
bit 1 – channel 009
bit 0 – channel 008
Channel mask 1 – channel status
indication bits for channels 8 to channel
15.
4
channel_bit_mask02
bit 7 – channel 023
bit 6 – channel 022
bit 5 – channel 021
bit 4 – channel 020
bit 3 – channel 019
bit 2 – channel 018
bit 1 – channel 017
bit 0 – channel 016
Channel mask 3 – channel status
indication bits for channels 16 to channel
23.
……
……
……
…….
……
……
……
…….
……
……
……
…….
33
channel_bit_mask31
bit 7 – channel 255
bit 6 – channel 254
bit 5 – channel 253
bit 4 – channel 252
bit 3 – channel 251
bit 2 – channel 250
bit 1 – channel 249
bit 0 – channel 248
Channel mask 32 – channel status
indication bits for channels 248 to
channel 255.
BYTE
FIELD
VALUE
DESCRIPTION
0
EXTRACT_STATUS_REQ
0x19
Extract Status Request header
1
location
0x00 – location 0
0x01 – location 1
Since SDEC can extract two services
simultaneously, XM stack specifies
which location to get the extraction
errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com