Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 59 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 55Page - STMicroelectronics STA450A Datasheet HTML 56Page - STMicroelectronics STA450A Datasheet HTML 57Page - STMicroelectronics STA450A Datasheet HTML 58Page - STMicroelectronics STA450A Datasheet HTML 59Page - STMicroelectronics STA450A Datasheet HTML 60Page - STMicroelectronics STA450A Datasheet HTML 61Page - STMicroelectronics STA450A Datasheet HTML 62Page - STMicroelectronics STA450A Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
59/66
STA450A
4.0 I/O CELLS DESCRIPTION)
Input Pad Buffer
2) Input Pad Buffer with Active Pull-up
3
channel_number
1 - 255
channel number
4
Sid
1 – 255
Service Identifier
5
Extract_type
0x03 AMBE
0x05 AAC
0x0A Trans_data
Service Component Type to extract.
6
primary_pcid
5 – 254
Primary Payload Channel Identification.
SDEC will check the PCID given by the
system controller is still the same as the one
in CRW, If different, then the extraction fails
and SDEC sets the
FAST_EXTRACTION_COMPLETEDx event
bit.
Reference: Transport Layer Specification;
Revision 1.2; page 40
7
secondary_pcid
5 – 254
Secondary Payload Channel Identification
SDEC will check the PCID given by the
system controller is still the same as the one
in CRW, If different, then the extraction fails
and SDEC sets the
FAST_EXTRACTION_COMPLETEDx event
bit.
Reference: Transport Layer Specification;
Revision 1.2; page 40
8
Routing
0x00 – No routing
0x01 – AUD_PORT
0x02 – DAT_PORT
0x03 – BOTH_PORT
Routing information
A data service component can only be
routed to the data port (DAT_PORT). An
audio service component is routed to audio
port (AUD_PORT), data port (DAT_PORT)
or both the audio and data port
(BOTH_PORT).
A
D98AU906
Z
EXTERNAL PIN
INPUT CAP.
A
1.3pF
A
D98AU907A
Z
50K
Ω
EXTERNAL PIN
INPUT CAP.
A
1.3pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com