Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 23Page - STMicroelectronics STA450A Datasheet HTML 24Page - STMicroelectronics STA450A Datasheet HTML 25Page - STMicroelectronics STA450A Datasheet HTML 26Page - STMicroelectronics STA450A Datasheet HTML 27Page - STMicroelectronics STA450A Datasheet HTML 28Page - STMicroelectronics STA450A Datasheet HTML 29Page - STMicroelectronics STA450A Datasheet HTML 30Page - STMicroelectronics STA450A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
27/66
STA450A
contain the fractional values for the Audio Fractional PLL for the Fs = 44.1KHz family.
The registers have to be programmed before the start_up of the DSP.
HOST_APLL441_XDIV
Address
: 0x57
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
HOST_APLL441_MDIV
Address
: 0x58
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
HOST_APLL441_NDIV
Address
: 0x59
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
Description
The HOST_APLL441_XDIV, HOST_APLL441_MDIV and HOST_APLL441_NDIV registers are used to
configure the X, M and N divider of the Audio Fractional PLL for the Fs = 44.1KHz family.
The registers have to be programmed before the start_up of the DSP
ENABLE_IT432
Address
: 0x5A
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
Description
Enabling of the Audio Fractional PLL control through the external 432ms interrupt on pin PLL_SYNC.
0: Disabled
1: Enabled
7654
3210
52
7654
3210
53
7654
3210
54
7654
3210
5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com