Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 57 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 53Page - STMicroelectronics STA450A Datasheet HTML 54Page - STMicroelectronics STA450A Datasheet HTML 55Page - STMicroelectronics STA450A Datasheet HTML 56Page - STMicroelectronics STA450A Datasheet HTML 57Page - STMicroelectronics STA450A Datasheet HTML 58Page - STMicroelectronics STA450A Datasheet HTML 59Page - STMicroelectronics STA450A Datasheet HTML 60Page - STMicroelectronics STA450A Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
57/66
STA450A
3.3.41 DISPLAY_MASK_REQ
artist_size + 11
to
artist_size +10
extsong label
ISO-8859-1 character set
song label
Please note this byte is only present
when the extsong_label_flag is set to
0x01 (PRESENT) (PRESENT).in
BIC_LABEL_REQ command
Note: The maximum size of the BIC
extended song title is 80 bytes. Therefore
song_size < = 80 bytes.
artist_size
+song_size + 12
bic_text_status
0x00 – ABSENT
0x01 – PRESENT
If BIC text was not received, then DSP
returns ABSENT. If BIC text was
received, then DSP returns
PRESENT.Please note this octet is only
present when the text_label_flag is set to
0x01 (PRESENT) in BIC_LABEL_REQ
command
artist_size + 13
to artist_size +
14
text_size
1 - 253
text size.
Please note this byte is only present
when the text_label_flag is set to 0x01
(PRESENT). in BIC_LABEL_REQ
command
artist_size + 15
sid
1 - 255
SID of extracted location.
Please note this byte is only present
when the text_label_flag is set to 0x01
(PRESENT) in BIC_LABEL_REQ
command
artist_size +
song_size +16
scroll_narrowcast
see specification
Scrolling and narrowcast information.
Please note this octet is only present
when the text_label_flag is set to 0x01
(PRESENT) in BIC_LABEL_REQ
command.
Reference: Service Layer Specification;
Revision 1.4; Section 8.11
artist_size +
song_size +17
text_size
1-253
size of the text message
Please note this octet is only present
when the text_label_flag is set to 0x01
(PRESENT) in BIC_LABEL_REQ
command.
artist_size +
song_size +18
to
artist_size +
song_size +
text_size + 17
scroll_narrowcast
see specification
BIC Text.
Please note this octet is only present
when the text_label_flag is set to 0x01
(PRESENT) in BIC_LABEL_REQ
command.
Reference: Service Layer Specification;
Revision 1.4; Section 8.11
BYTE
FIELD
VALUE
DESCRIPTION
0
DISPLAY_MASK_REQ
0x4C
Display Mask Request
1
service_label
8, 10, 16
service label display mask
2
artist_label
8, 10, 16
artist label display mask
3
song_label
8, 10, 16
song label display mask
4
program_label
8, 10, 16
program label display mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com