Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 5Page - STMicroelectronics STA450A Datasheet HTML 6Page - STMicroelectronics STA450A Datasheet HTML 7Page - STMicroelectronics STA450A Datasheet HTML 8Page - STMicroelectronics STA450A Datasheet HTML 9Page - STMicroelectronics STA450A Datasheet HTML 10Page - STMicroelectronics STA450A Datasheet HTML 11Page - STMicroelectronics STA450A Datasheet HTML 12Page - STMicroelectronics STA450A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
9/66
STA450A
N = pllsys_Nmodulo
M = pllsys_Mmodulo
The System PLL registers are configured through an indirection mechanism using the HOST_pll_add,
HOST_pll_data and HOST_pll_cmd registers; the HOST_pll_cmd register allows to update the control registers
of the PLL.
There are two levels of registers (Level 1 & Level 2). The first level of registers (Level 1) is configured through
the indirection mechanism. The second level of registers (Level 2) is a copy of the previous level in order to
update all the configuration bits at the same time. This mechanism avoids to have, during the configuration
phase, intermediate configurations that are not in line with the final desired configuration.
Assuming a 23.92MHz CLK input frequncy and CLK_M[1:0] = “11”, the default system frequency is 59.8MHz
See also the register description.
The Audio PLL
The "internal_pcmclk" of STA450A can be provided by two different sources: the Audio PLL or the OCLK port
of the chip.
The "m5" multiplexor and the direction of the OCLK tri-state port are configured by the register HOST_Pllpcm
(address 0x12).
An Audio PLL is embedded in STA450A.
The particularity of STA450A Audio PLL is the possibility to modify the Audio Sampling Frequency (LRCKT) in
steps of a few p.p.m. to compensate dynamically the audio sampling frequency offset between the receiver and
the broadcasting station; this compensation produces a jittering effect outside the audible range.
The STA450A receives from the STA400A (Channel Decoder) a dedicated signal every 432ms (PLL_SYNC)
and uses this signal to perform the audio sampling rate compensation; the control is done by the DSP core up-
dating the internal PLL registers.
Some PLL configuration registers are made available to the user to configure the PCM output according to the
used DAC.
The programmation for the desired Fs should be accomplished for both the Fs = 48KHz and Fs =
44.1KHz families before the start-up of the DSP (write in the register 0 x 4D)
The OCLK frequency can be derived from the following formula:
– X is the value of the HOST_APLL48_XDIV register (HOST_APLL441_XDIV) register.
– M is the value of the HOST_APLL48_MDIV register (HOST_APLL441_MDIV) register.
– N is the value of the HOST_APLL48_NDIV register (HOST_APLL441_NDIV) register.
– FRAC
is
the
decimal
value
of
the
concatenated
registers
HOST_APLL48_LSB
and
HOST_APLL48_MSB (HOST_APLL441_LSB and HOST_APLL441_MSB) as follows:
FRAC = 256 * HOST_APLL48_MSB + HOST_APLL48_LSB (= 256 * HOST_APLL441_MSB +
HOST_APLL441_LSB)
The changes in the registers are not effective once the DSP has been started.
OCLK_freq
1
1X
+
-------------
23.92MHz
1N
+
----------------------------
M1
FRAC
65536
-----------------
++


⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com