Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA450A Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 34Page - STMicroelectronics STA450A Datasheet HTML 35Page - STMicroelectronics STA450A Datasheet HTML 36Page - STMicroelectronics STA450A Datasheet HTML 37Page - STMicroelectronics STA450A Datasheet HTML 38Page - STMicroelectronics STA450A Datasheet HTML 39Page - STMicroelectronics STA450A Datasheet HTML 40Page - STMicroelectronics STA450A Datasheet HTML 41Page - STMicroelectronics STA450A Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
STA450A
38/66
3.3.12 PROGRAM_UP_DOWN
BYTE
FIELD
VALUE
DESCRIPTION
0
CHANNEL_UPDWN_CFM
0x92
Channel Up/Down Confirm header
1
search_status
bit 7 – Search Outcome
0x80 –
SEARCH_SUCCESSFUL
0x00 – SEARCH_FAIL
bit 6 – Extract Type
0x40 – TYPE_PRESENT
0x00 – TYPE_ABSENT
bit 5 – Reserved
bit 4 – Reserved
bit 3 – Reserved
bit 2 – Reserved
bit 1 – Reserved
bit 0 – Reserved
The bits are ordered from left to right.
The MSB is on the left and the LSB is on
the right.
b7, b6, b5, b4, b3, b2, b1, b0
2
channel_number
1 – 255
channel number
3,4,5,6
crw
Channel Reference Word
Reference: Service Layer Specification
7
sib1_status
0x00 – SIB1_ABSENT
0x01 – SIB1_PRESENT
If service information block 1 was not
received, then DSP returns
SIB1_ABSENT. If service information
block 1 was received, then DSP returns
SIB1_PRESENT.
8 to 15
service_block1
Service Information Block 1
Reference: Service Layer Specification
BYTE
FIELD
VALUE
DESCRIPTION
0
PROGRAM_UPDWN_REQ
0x13
Program Up/Down Request header
1
Direction
0x00 – UP
0x01 - DOWN
Direction to search
2
channel_start_number
1-255
Channel start number
3
channel_end_number
1-255
Channel end number
4
program_type
1-31
Program type
5
extract_type
0x00 – Audio
0x01 – Data
Service type to extract. MMI can extract
the audio or data service component.
BYTE
FIELD
VALUE
DESCRIPTION
0
PROGRAM_UPDWN_CFM
0x93
Program Up/Down Confirm header
1
search_status
bit 7 – Search Outcome
0x80 –
SEARCH_SUCCESSFUL
0x00 – SEARCH_FAIL
bit 6 – Extract Type
0x40 – TYPE_PRESENT
0x00 – TYPE_ABSENT
bit 5 – Reserved
0x20 – PROGRAM_PRESENT
0x00 – PROGRAM_ABSENT
bit 4 – Reserved
bit 3 – Reserved
bit 2 – Reserved
bit 1 – Reserved
bit 0 – Reserved
The bits are ordered from left to right.
The MSB is on the left and the LSB is
on the right.
b7, b6, b5, b4, b3, b2, b1, b0
2
channel_number
1 – 255
channel number for the service



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com