Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 24Page - Analog Devices AD9083BBCZ Datasheet HTML 25Page - Analog Devices AD9083BBCZ Datasheet HTML 26Page - Analog Devices AD9083BBCZ Datasheet HTML 27Page - Analog Devices AD9083BBCZ Datasheet HTML 28Page - Analog Devices AD9083BBCZ Datasheet HTML 29Page - Analog Devices AD9083BBCZ Datasheet HTML 30Page - Analog Devices AD9083BBCZ Datasheet HTML 31Page - Analog Devices AD9083BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 28 of 93
THEORY OF OPERATION
ADC ARCHITECTURE
The AD9083 is a 16-channel, highly integrated and programmable
front-end digitizer for a wide range of applications.
The AD9083 ADC uses a first-order, CTSD modulator
architecture that provides first-order quantization noise shaping
and inherent first-order, sinc shaped, antialias filtering. This
oversampling, combined with the inherent antialias filtering,
eliminates thermal noise folding into the band of interest. This
feature enables a fast signal settling time when compared to the
settling time of Nyquist rate converters, which require highly
selective antialias filters to eliminate noise folding. The first-
order Σ-Δ modulator is superior to a higher order modulator
because the former requires only a second-order CIC decimation
filter to eliminate quantization noise before decimation. This
low order decimation filter features better signal settling time
compared to a higher order filter. Built into the ADC front end
is a programmable termination resistor, programmable gain
adjust, and a programmable, single-pole, low-pass filter (LPF).
Background calibration digitally calibrates signal path gain
error and nonlinearity. The ADC noise density is shaped, not
flat, and is better at lower bandwidths. The worst case ADC
noise density at a 2 GHz sample rate and 100 MHz offset is
−147 dBFS/Hz. For a 2 GSPS sample rate and at 100 MHz
bandwidth, the input referred noise figure is only 0.1 dB with
40 dB of front-end gain.
Flicker noise may be higher for this architecture, lending itself
to better performance for IF applications instead of zero IF.
Similarly, input referred offset has no effect on an IF application,
except when using the full dynamic range of the signal
converter. A low power mode is available with a noise density
increase of 3 dB for half the converter power.
The ADC in the AD9083 must be initialized and set up based
on the particular use case. Figure 55 shows the block diagram of
the ADC used in the AD9083. The ADC in the AD9083
requires a set of user-defined variables that set up the ADC in
the use case specified by the application. These variables are as
follows:
•
fS, the sample clock of the converter core (1.0 GSPS to
2.0 GSPS).
•
VMAX, the differential peak-to-peak input full scale
(0.5 V p-p, differential, to 2.0 V p-p, differential).
•
fC, the cutoff frequency of the LPF (125 MHz to 800 MHz).
•
RTERM, the differential input termination resistance.
•
fINMAX, the maximum input signal frequency.
•
Backoff, the reduction in front-end gain for increased
linearity.
•
EN_HP, which increases the SNR by 2.5 dB by doubling
the ADC power dissipation.
RTERM
VINx+
x = 1 TO 16
x = 1 TO 16
Σ-Δ
MODULATOR
C
R/2
R/2
fC = 125MHz TO 800MHz
fS
VMAX
VINx–
C
R/2
R/2
16
Figure 55. AD9083 ADC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com