Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 15Page - Analog Devices AD9083BBCZ Datasheet HTML 16Page - Analog Devices AD9083BBCZ Datasheet HTML 17Page - Analog Devices AD9083BBCZ Datasheet HTML 18Page - Analog Devices AD9083BBCZ Datasheet HTML 19Page - Analog Devices AD9083BBCZ Datasheet HTML 20Page - Analog Devices AD9083BBCZ Datasheet HTML 21Page - Analog Devices AD9083BBCZ Datasheet HTML 22Page - Analog Devices AD9083BBCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 19 of 93
fIN = 2.3MHz
fIN = 12MHz
fIN = 48MHz
FREQUENCY (Hz)
100k
1M
10M
100M
–155
–153
–151
–149
–147
–145
–143
–141
–139
–137
–135
Figure 16. ADC NSD at Different Input Frequencies, 1 GSPS
fIN = 5MHz
fIN = 25MHz
fIN = 100MHz
FREQUENCY (Hz)
200k
1M
10M
100M
–160
–158
–156
–154
–152
–150
–148
–146
–144
–142
–140
Figure 17. ADC NSD at Different Input Frequencies, 2 GSPS
SNR BW = 7.5MHz
SNR BW = 25MHz
SNR BW = 62.5MHz
AMPLITUDE (dBFS)
–65 –60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
0
10
20
30
40
50
60
70
80
90
100
Figure 18. ADC SNR vs. Input Amplitude, 1 GSPS
SNR BW = 15MHz
SNR BW = 50MHz
SNR BW = 125MHz
AMPLITUDE (dBFS)
–65 –60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
0
10
20
30
40
50
60
70
80
90
100
Figure 19. ADC SNR vs. Input Amplitude, 2 GSPS
BACKOFF = 0dB
BACKOFF = 3dB
BACKOFF = 6dB
FREQUENCY (MHz)
1.0
2.9
4.7
6.6
8.5
10.3
12.2
14.1
16.0
17.8
19.7
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
Figure 20. ADC HD2 vs. Frequency at Various Backoff Values and
AIN = −2 dB, 1 GSPS
BACKOFF = 0dB
BACKOFF = 3dB
BACKOFF = 6dB
FREQUENCY (MHz)
2.3
6.1
9.8
13.6
17.4
21.1
24.9
28.7
32.5
36.2
40.0
–90
–88
–86
–84
–82
–80
–78
–76
–74
–72
–70
Figure 21. ADC HD2 vs. Frequency at Various Backoff Values and
AIN = −2 dB, 2 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com