Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 4 Page - Analog Devices

  AD9083BBCZ Datasheet HTML 1Page - Analog Devices AD9083BBCZ Datasheet HTML 2Page - Analog Devices AD9083BBCZ Datasheet HTML 3Page - Analog Devices AD9083BBCZ Datasheet HTML 4Page - Analog Devices AD9083BBCZ Datasheet HTML 5Page - Analog Devices AD9083BBCZ Datasheet HTML 6Page - Analog Devices AD9083BBCZ Datasheet HTML 7Page - Analog Devices AD9083BBCZ Datasheet HTML 8Page - Analog Devices AD9083BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 4 of 93
SPECIFICATIONS
Table 1 shows the AD9083 wide bandwidth real output setups used to obtain the specifications. The AD9083 is a highly programmable
device and supports many use cases. Refer to the Setting Up the AD9083 Digital Interface section and the Programming Guide section
for more details.
Table 1.
fSAMPLE
(GSPS)
CIC
Decimation
J Decimation
Output Data
Rate (MSPS)
JESD204B Link Setup Parameters
Number of
Lanes (L)
Number of
Converters (M)
Number of
Octets per
Frame (F)
Number of
Samples (S)
N’
K
2
1
8
250
4
16
6
1
12
32
1
1
4
250
4
16
6
1
12
32
DC SPECIFICATIONS
AVDD = 1.0 V, AVDD1P8 = 1.8 V, DVDD = 1.0 V, DVDD1P8 = 1.8 V, programmable maximum ADC input voltage range (VMAX) = 1.8 V,
analog input (AIN) = −2.0 dBFS, −40°C ≤ TJ ≤ +115°C1, mode details as shown in Table 12, backoff = 03, EN_HP = 04, unless otherwise noted.
Typical specifications represent performance at TJ = 45°C (TA = 25°C).
Table 2.
Parameter5
1.0 GSPS
2.0 GSPS
Unit
Min
Typ
Max
Min
Typ
Max
RESOLUTION
12
16
12
16
Bits
ACCURACY
Offset Error
0.33
−0.86
+0.33
+1.55
%FS
Offset Matching
0.75
+0.75
+1.66
%FS
Gain Error
5.2
−10
+5.2
+20
%FS
Gain Matching
1.1
+1.1
+3.7
%FS
TEMPERATURE DRIFT
Offset Stability Error
14.1
14.1
ppm/°C
Gain Stability Error
0.2
0.2
ppm/°C
Voltage Reference
0.1
0.1
ppm/°C
ANALOG INPUTS
Differential Input Voltage
Range
0.5
1.0
2.0
0.5
1.0
2.0
V p-p
Common-Mode Voltage (VCM)
0.5
0.7
1.0
0.5
0.7
1.0
V
Common-Mode Input Series
Resistance (RIN6)
RIN
RIN
Ω
Differential Input Termination
Resistance (RTERM)
100
200
2 × RIN
100
200
2 × RIN
Ω
Differential Input Capacitance
0.35
0.35
pF
Analog Full-Power Bandwidth
125
125
MHz
POWER SUPPLY
AVDD
0.95
1.0
1.05
0.95
1.0
1.05
V
AVDD1P8
1.7
1.8
1.9
1.7
1.8
1.9
V
DVDD
0.95
1.0
1.05
0.95
1.0
1.05
V
DVDD1P8
1.7
1.8
1.9
1.7
1.8
1.9
V
AVDD Current (IAVDD)
208
397
471
mA
AVDD1P8 Current (IAVDD1P8)
65
95
102
mA
DVDD Current (IDVDD)
592
797
971
mA
DVDD1P8 (IDVDD1P8)
40
41
48
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com