Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD9083BBCZ Datasheet HTML 1Page - Analog Devices AD9083BBCZ Datasheet HTML 2Page - Analog Devices AD9083BBCZ Datasheet HTML 3Page - Analog Devices AD9083BBCZ Datasheet HTML 4Page - Analog Devices AD9083BBCZ Datasheet HTML 5Page - Analog Devices AD9083BBCZ Datasheet HTML 6Page - Analog Devices AD9083BBCZ Datasheet HTML 7Page - Analog Devices AD9083BBCZ Datasheet HTML 8Page - Analog Devices AD9083BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
16-Channel, 125 MHz Bandwidth, JESD204B
Analog-to-Digital Converter
Data Sheet
AD9083
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.0 V and 1.8 V supply operation
125 MHz usable analog input bandwidth
Sample rate up to 2 GSPS
Noise spectral density in 100 MHz bandwidth =
−145 dBFS/Hz, 2.0 GSPS encode
SNR = 66 dBFS in 100 MHz bandwidth, 2.0 GSPS encode
SNR = 82 dBFS in 15.625 MHz bandwidth, 2.0 GSPS encode
SFDR = 60 dBc in 100 MHz bandwidth, 2.0 GSPS encode
SFDR = 80 dBc in 15.625 MHz bandwidth, 2.0 GSPS encode
90 mW total power per channel at 2.0 GSPS (default settings)
Flexible input range: 0.5 V p-p to 2 V p-p differential
90 dB channel crosstalk, 2.0 GSPS encode
Digital processor
CIC decimation filter
Programmable DDC
Data gating
JESD204B Subclass 1 encoded outputs
Supports up to 16 Gbps/lane
Flexible sample data processing
Flexible JESD204B lane configurations
Large signal dither
Serial port control
APPLICATIONS
Millimeter wave imaging
Electronic beam forming and phased arrays
Multichannel wideband receivers
Electronic support measures
PRODUCT HIGHLIGHTS
1. Continuous time, Σ-Δ analog-to-digital converters (ADCs)
support signal bandwidths of up to 125 MHz with low
power and minimal filtering.
2. Integrated digital processing blocks reduce data payload
and lower overall system cost.
3. Configurable JESD204B interface reduces printed circuit
board (PCB) complexity.
4. Flexible power-down options.
5. SPI interface controls various product features and
functions to meet specific system requirements.
6. Small, 9 mm × 9 mm, 100-ball CSP_BGA package, simple
interface, and integrated digital processing save PCB space.
FUNCTIONAL BLOCK DIAGRAM
AVERAGING AND
DECIMATION FILTER
PLL,
JESD204B SUBCLASS1 CONTROL,
AND CLOCK DISTRIBUTION
SPI AND CONTROL
REGISTERS
DECIMATE
BY J
JESD204B
OUTPUTS
SERDOUT0±
SERDOUT1±
SERDOUT2±
SERDOUT3±
SYNCINB±
MIXER
NCO2
NCO1
NCO0
CIC DECIMATOR
MIXER
MIXER
AGND
DGND
PD/STBY
AVERAGING AND
DECIMATION FILTER
AVERAGING AND
DECIMATION FILTER
16 CHANNELS
ADC
VIN1+ TO
VIN16+
AVDD
(1V)
AVDD1P8
(1.8V)
DVDD1P8
(1.8V)
DVDD
(1V)
VIN1– TO
VIN16–
CLK±
SYSREF±
TRIG±
CSB
SCLK
SDIO
GAIN
GAIN
GAIN
AD9083
Figure 1.


Similar Part No. - AD9083BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
AD9081 AD-AD9081 Datasheet
4Mb / 45P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
Rev. 0
AD9081-FMCA-EBZ AD-AD9081-FMCA-EBZ Datasheet
4Mb / 45P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
Rev. 0
AD9081-FMCA-EBZ AD-AD9081-FMCA-EBZ Datasheet
2Mb / 25P
Quad, 16-Bit, 12 GSPS RF DAC with Wideband Channelizers
Rev. A
AD9081BBPZ-4D4AB AD-AD9081BBPZ-4D4AB Datasheet
4Mb / 45P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
Rev. 0
More results

Similar Description - AD9083BBCZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
16-Channel, 16-Bit Analog-to-Digital Converter
logo
Analog Devices
AD9656BCPZ-125 AD-AD9656BCPZ-125 Datasheet
1,007Kb / 44P
Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
16-Channel, 16-Bit Analog-to-Digital Converter
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
DDC316 TI1-DDC316_17 Datasheet
1Mb / 28P
16-Channel, Current-Input Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
Rev. 0
AD9213S-CSH AD-AD9213S-CSH Datasheet
2Mb / 23P
12-Bit, 10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
1/2022-Revision 0
AD9697 AD-AD9697 Datasheet
1Mb / 130P
14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com