Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 23Page - Analog Devices AD9083BBCZ Datasheet HTML 24Page - Analog Devices AD9083BBCZ Datasheet HTML 25Page - Analog Devices AD9083BBCZ Datasheet HTML 26Page - Analog Devices AD9083BBCZ Datasheet HTML 27Page - Analog Devices AD9083BBCZ Datasheet HTML 28Page - Analog Devices AD9083BBCZ Datasheet HTML 29Page - Analog Devices AD9083BBCZ Datasheet HTML 30Page - Analog Devices AD9083BBCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 27 of 93
TERMINOLOGY
Noise Spectral Density (NSD)
The NSD is the noise power normalized to 1 Hz bandwidth (at
a particular frequency) relative to the full-scale of the ADC
(dBFS). NSD is given in units of dBFS/Hz. Unlike a descrete-
time flash type ADC, a Σ-Δ ADC displays uneven NSD across
the spectrum from dc up to fS. Typical NSD at various
inflection points are reported in the specifications. The total
SNR is not always a straightforward calculation and it is often
useful to think in terms of noise density instead of SNR.
Achieving a good SNR is dependent on filtering out the
wideband CTSD ADC quantization noise.
ADC DATA OUTPUT
1/f NOISE
fs/64
fs/16
fs/2
THERMAL NOISE
BAND OF
INTEREST
QUANTIZATION
NOISE
ADC NOISE
Figure 54. Noise Regions of a Σ-Δ ADC
In-Band Noise
In-band noise is the integrated noise power measured over a
user defined bandwidth relative to the full-scale of the ADC (in
dBFS). This bandwidth is typically equal to an intermediate
frequency (IF) pass-band.
Third-Order Intermodulation Distortion (IMD3)
IMD3 is a figure of merit used to quantify the linearity of a
component or system. Two equal amplitude, unmodulated
carriers at specified frequencies (f1 and f2) injected in a nonlinear
system exhibiting third-order nonlinearities produce IMD
components at 2f1 − f2 and 2f2 − f1. Note that the IMD3
performance of an ADC does not necessarily follow the 3:1 rule
that is typical of RF/IF linear devices. IMD3 performance is
dependent on dual tone frequencies, signal input levels, and the
ADC clock rate.
Harmonic Distortion (HD2, HD3 and SFDR)
A harmonic tone that falls within the IF band of interest when a
single tone is swept across the user defined frequency range.
Signal Transfer Function (STF)
STF is the frequency response of the ADC output signal relative
to a swept single tone at the ADC input. The Typical
Performance Characteristics section shows the STF over the IF
pass-band to highlight pass-band flatness. The STF also affects
aliasing of undesired signal near fS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com