Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 5Page - Analog Devices AD9083BBCZ Datasheet HTML 6Page - Analog Devices AD9083BBCZ Datasheet HTML 7Page - Analog Devices AD9083BBCZ Datasheet HTML 8Page - Analog Devices AD9083BBCZ Datasheet HTML 9Page - Analog Devices AD9083BBCZ Datasheet HTML 10Page - Analog Devices AD9083BBCZ Datasheet HTML 11Page - Analog Devices AD9083BBCZ Datasheet HTML 12Page - Analog Devices AD9083BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 9 of 93
Table 10. Variable Settings: fS = 1.0 GSPS, Backoff = 6, and EN_HP = 0
Parameters
Test Conditions/Comments
Min
Typ
Max
Unit
NSD
Flicker Noise Corner
1
MHz
At 7.8125 MHz (fS/128)
AIN = −2.0 dBFS
−147
dBFS/Hz
At 15.625 MHz (fS/64)
AIN = −2.0 dBFS
−146
dBFS/Hz
At 50 MHz (fS/20)
AIN = −2.0 dBFS
−139
dBFS/Hz
SNR
AIN = −2.0 dBFS
3.9 MHz to 11.7 MHz (7.8125 MHz Bandwidth)
77
dBFS
11.7 MHz to 19.5 MHz (7.8125 MHz Bandwidth)
71
dBFS
46.1 MHz to 53.9 MHz (7.8125 MHz Bandwidth)
61
dBFS
DC to 7.8125 MHz
77
dBFS
DC to 15.625 MHz
71
dBFS
DC to 50 MHz
61
dBFS
SFDR/HD3
At fS/128
AIN = −2.0 dBFS
−82
dBc
HD3 at fS/64
AIN = −2.0 dBFS
−81
dBc
HD3 at fS/20
AIN = −2.0 dBFS
−66
dBc
SFDR/IMD3
At fS/128
AIN = −8.0 dBFS
−82
dBc
At fS/64
AIN = −8.0 dBFS
−80
dBc
At fS/20
AIN = −8.0 dBFS
−66
dBc
Table 11. Variable Settings: fS = 1.0 GSPS, Backoff = 0, and EN_HP = 1
Parameters
Test Conditions/Comments
Min
Typ
Max
Unit
NSD
Flicker Noise Corner
1
MHz
At 7.8125 MHz (fS/128)
AIN = −2.0 dBFS
−154
dBFS/Hz
At 15.625 MHz (fS/64)
AIN = −2.0 dBFS
−153
dBFS/Hz
At 50 MHz (fS/20)
AIN = −2.0 dBFS
−146
dBFS/Hz
SNR
AIN = −2.0 dBFS
3.9 MHz to 11.7 MHz (7.8125 MHz Bandwidth)
85
dBFS
11.7 MHz to 19.5 MHz (7.8125 MHz Bandwidth)
79
dBFS
46.1 MHz to 53.9 MHz (7.8125 MHz Bandwidth)
69
dBFS
DC to 7.8125 MHz
85
dBFS
DC to 15.625 MHz
70
dBFS
DC to 50 MHz
69
dBFS
SFDR/HD3
At fS/128
AIN = −2.0 dBFS
−80
dBc
HD3 at fS/64
AIN = −2.0 dBFS
−75
dBc
HD3 at fS/20
AIN = −2.0 dBFS
−60
dBc
SFDR/IMD3
At fS/128
AIN = −8.0 dBFS
−80
dBc
At fS/64
AIN = −8.0 dBFS
−75
dBc
At fS/20
AIN = −8.0 dBFS
−60
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com