Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 88 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 88 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 84Page - Analog Devices AD9083BBCZ Datasheet HTML 85Page - Analog Devices AD9083BBCZ Datasheet HTML 86Page - Analog Devices AD9083BBCZ Datasheet HTML 87Page - Analog Devices AD9083BBCZ Datasheet HTML 88Page - Analog Devices AD9083BBCZ Datasheet HTML 89Page - Analog Devices AD9083BBCZ Datasheet HTML 90Page - Analog Devices AD9083BBCZ Datasheet HTML 91Page - Analog Devices AD9083BBCZ Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 88 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
01010: /10.
01011: /11.
01100: /12.
01101: /13.
01110: /14.
01111: /15.
10000: /16.
10001: /17.
10010: /18.
10011: /19.
10100: /20.
10101: /21.
10110: /22.
10111: /23.
11000: /24.
11001: /25.
11010: /26.
11011: /27.
11100: /28.
11101: /29.
11110: /30.
11111: /31.
0xD4D SYSREF_IGNORE
7
RESERVED
Reserved.
0x0
R
6
SPI_SYSREF_IGNORE_START
Start ignoring sysrefs. This bit will self clear once
count expires. The first posedge of sysref after
the start is passed through, thereafter they are
masked until ignore count expires. The bit will
self-clear once masking is over.
0x0
R/W
5
SPI_SYSREF_IGNORE_ENABLE Master enable for sysref_ignore block. This also
acts as a clock gating signal for the FFs in the
block.
0x0
R/W
[4:1]
SPI_SYSREF_IGNORE_COUNT Number of sysrefs to ignore. Value to be
programmed is N-1, e.g. 0 will ignore 1 sysref,
0xF will ignore 16 sysrefs.
0x0
R/W
0
SPI_SYSREF_DISABLE
Master disable for sysref, asynchronous – can
affect duty cycle of sysref edge closest to bit
transition.
0x0
R/W
G/H Sync Mode Control Registers
0xE20 TRIGGER_DELAY_VAL_0 [7:0]
TRIGGER_DELAY
Delay in Trigger Pulse in terms of cic_clk cycles.
This delay is a common delay for all path.
0x0
R/W
0xE21 TRIGGER_DELAY_VAL_1 [7:0]
I_TRIGGER_DELAY
Hardware computed value of Delay in Trigger
Pulse in terms of cic_clk cycles. This delay is a
common delay for all path.
0x0
R
0xE24 G_H_SYNC_MODE_VAL [7:5]
RESERVED
Reserved.
0x0
R
4
TRIG_NCO_RESET_EN
Enable/Disable for NCO Reset Based on G/H Trig.
1-Enables periodic reset of NCO based on G/H
Trig. Upon the arrival of G/H Trig NCO resets are
periodically generated at the period of "H".
0-Disables NCO reset based on G/H Trig.
0x0
R/W
3
RESERVED
Reserved.
0x0
R
2
DELAY_AUTO_INCR
Auto Increment Trigger Delay after each trigger
out for calibration purpose.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com