Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 90 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 90 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 85Page - Analog Devices AD9083BBCZ Datasheet HTML 86Page - Analog Devices AD9083BBCZ Datasheet HTML 87Page - Analog Devices AD9083BBCZ Datasheet HTML 88Page - Analog Devices AD9083BBCZ Datasheet HTML 89Page - Analog Devices AD9083BBCZ Datasheet HTML 90Page - Analog Devices AD9083BBCZ Datasheet HTML 91Page - Analog Devices AD9083BBCZ Datasheet HTML 92Page - Analog Devices AD9083BBCZ Datasheet HTML 93Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 90 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 90 of 93
APPLICATIONS INFORMATION
EVALUATION BOARD INFORMATION
For information regarding the AD9083 evaluation board, visit
https://wiki.analog.com/resources/eval/ad9083.
POWER DELIVERY NETWORK
The power supplies needed to power the AD9083 are shown in
Table 31.
Table 31. Typical Power Supplies for AD9083
Domain
Voltage (V)
Tolerance (%)
AVDD
1.0
±5
AVDD1P8
1.8
±5
DVDD
1.0
±5
DVDD1P8
1.8
±5
The evaluation board uses the power delivery network shown
in Figure 93. Ferrite beads are used to isolate each of the supply
domains. The ferrite beads are sized to limit the IR drop across
it such that the ±5% regulation specification can still be
maintained. The DVDD supply does not use a ferrite due to its
high current draw.
The AD9083 can be driven directly from the dc-to-dc
converter. Note that this approach has risks in that more power
supply noise could be injected into the power supply domains
of the ADC. To minimize noise, follow the layout guidelines of
the dc-to-dc converter.
VOUT
5V TO 40V
1.0V
DVDD
AVDD
DVDD1P8
AVDD1P8
1.8V
LTM8074
VOUT
LTM8074
Figure 93. Simplified Power Solution for the AD9083
The user can employ several different decoupling capacitors to
cover both high and low frequencies. These capacitors must be
located close to the point of entry at the PCB level and close to
the devices, with minimal trace lengths.
LAYOUT GUIDELINES
The ADC evaluation board can be used as a guide to follow
good layout practices. The evaluation board layout is done in
such a way as to
•
Minimize coupling between the analog inputs.
•
Minimize clock coupling to the analog inputs.
•
Provide enough power and ground planes for the various
supply domains while reducing cross coupling.
•
Provide adequate thermal relief to the ADC.
Figure 94 shows the overall layout scheme used for the AD9083
evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com