Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 9Page - Analog Devices AD9083BBCZ Datasheet HTML 10Page - Analog Devices AD9083BBCZ Datasheet HTML 11Page - Analog Devices AD9083BBCZ Datasheet HTML 12Page - Analog Devices AD9083BBCZ Datasheet HTML 13Page - Analog Devices AD9083BBCZ Datasheet HTML 14Page - Analog Devices AD9083BBCZ Datasheet HTML 15Page - Analog Devices AD9083BBCZ Datasheet HTML 16Page - Analog Devices AD9083BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 13 of 93
ABSOLUTE MAXIMUM RATINGS
Table 15.
Parameter
Rating
Electrical
AVDD to AGND
1.05 V
AVDD1P8 to AGND
2.0 V
DVDD to DGND
1.05 V
DVDD1P8 to DGND
2.0 V
AGND to DGND
−0.3 V to +0.3 V
VINx± to AGND
AGND − 0.3 V to AVDD1P8 + 0.3 V
CLK± to AGND
AGND − 0.3 V to AVDD + 0.3 V
SCLK, SDIO, CSB, RSTB,
PD/STBY to DGND
DGND − 0.3 V to DVDD1P8 + 0.3 V
SYSREF±, TRIG± to AGND
AGND − 0.3 V to AVDD + 0.3 V
SYNCINB± to DGND
DGND − 0.3 V to DVDD1P8 + 0.3 V
Temperature
Junction Range
−40°C to +125°C
Storage Range
(Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 16. Thermal Resistance
Package Type
θJA
θJC_TOP
θJB
ΨJB
ΨJT
Unit
BC-100-81
23.4
10.3
8.9
9.0
1.2
°C/W
1
Test Condition 1: Thermal impedance simulated values are based on JEDEC
2S2P thermal test board with 190 thermal vias. See JEDEC JESD-51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com