Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 53Page - Analog Devices AD9083BBCZ Datasheet HTML 54Page - Analog Devices AD9083BBCZ Datasheet HTML 55Page - Analog Devices AD9083BBCZ Datasheet HTML 56Page - Analog Devices AD9083BBCZ Datasheet HTML 57Page - Analog Devices AD9083BBCZ Datasheet HTML 58Page - Analog Devices AD9083BBCZ Datasheet HTML 59Page - Analog Devices AD9083BBCZ Datasheet HTML 60Page - Analog Devices AD9083BBCZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 57 of 93
// Setup JESD204B
// L, M, F, S, N’, K = 4,16,6,1,12,32
adi_cms_jesd_param_t jtx_param[] =
/*L
F
M
S
HD
K
N
'
CF
CS
DID
BID
LID
SC
SCR */
{ 4, 6, 16,
1,
1,
32,
12,
12,
0,
0,
0,
0,
0,
0,
1 };
adi_ad9083_jtx_startup(&ad9083_dev, &jtx_param);
SNR = 64.5dBFS
SFDR = 65dBFS
HD3
FREQUENCY (MHz)
0
12.50
25
37.50
50
62.50
75
87.50 100 112.50 125
–120
–100
–80
–60
–40
–20
0
Figure 89. FFT Wide Bandwidth Real Output Mode
Table 28. Power Consumption Wide Bandwidth
Domain
Voltage (V)
Current (A)
Power (W)
AVDD
1
0.397
0.397
AVDD1P8
1.8
0.096
0.1728
DVDD
1
0.774
0.774
DVDD1P8
1.8
0.041
0.0738
Total
1.4176
Power per Channel (W)
0.089
250MHz
REF IN
ADC
J
8
I
15Gbps/
LANE
JESD204B
Tx
CLOCK GENERATION
AND
DISTRIBUTION
19.7MHz
2GHz ADC
SAMPLE CLOCK
1 OF 16 CHANNELS SHOWN
L = 4
M = 16
F = 6
S = 1
K = 32
NP = 12
Figure 90. Wide Bandwidth Real Output Mode Block Diagram, See Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com