Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 18Page - Analog Devices AD9083BBCZ Datasheet HTML 19Page - Analog Devices AD9083BBCZ Datasheet HTML 20Page - Analog Devices AD9083BBCZ Datasheet HTML 21Page - Analog Devices AD9083BBCZ Datasheet HTML 22Page - Analog Devices AD9083BBCZ Datasheet HTML 23Page - Analog Devices AD9083BBCZ Datasheet HTML 24Page - Analog Devices AD9083BBCZ Datasheet HTML 25Page - Analog Devices AD9083BBCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 22 of 93
BW = 2MHz
BW = 10MHz
BW = 25MHz
FREQUENCY (MHz)
5.0
16.5
28.0
39.5
51.0
62.5
74.0
85.5
97.0 108.5 120.0
50
54
58
62
66
70
74
78
82
86
90
Figure 34. SNR vs. Sliding IF
IMD3 = 79dBFS
FREQUENCY (MHz)
37
39
41
43
45
47
49
51
53
55
57
–110
–99
–88
–77
–66
–55
–44
–33
–22
–11
0
Figure 35. Two-Tone FFT, Backoff = 0, fIN1 = 45.4 MHz, fIN2 = 48 MHz, AIN1 and
AIN2 = −8 dBFS, 1 GSPS
IMD3 = 79.4dBFS
FREQUENCY (MHz)
37
39
41
43
45
47
49
51
53
55
57
–110
–99
–88
–77
–66
–55
–44
–33
–22
–11
0
Figure 36. Two-Tone FFT, Backoff = 3, fIN1 = 45.4 MHz, fIN2 = 48 MHz, AIN1 and
AIN2 = −8 dBFS, 1 GSPS
IMD3 = 83.2dBFS
FREQUENCY (MHz)
37
39
41
43
45
47
49
51
53
55
57
–110
–99
–88
–77
–66
–55
–44
–33
–22
–11
0
Figure 37. Two-Tone FFT, Backoff = 6, fIN1 = 45.4 MHz, fIN2 = 48 MHz, AIN1 and
AIN2 = −8 dBFS, 1 GSPS
IMD3 = 69.4dBFS
FREQUENCY (MHz)
87
89
91
93
95
97
99
101
103
105
107
–110
–99
–88
–77
–66
–55
–44
–33
–22
–11
0
Figure 38. Two-Tone FFT, Backoff = 0, fIN1 = 96.6 MHz, fIN2 = 99 MHz, AIN1 and
AIN2 = −8 dBFS, 2 GSPS
IMD3 = 74.3dBFS
FREQUENCY (MHz)
87
89
91
93
95
97
99
101
103
105
107
–110
–99
–88
–77
–66
–55
–44
–33
–22
–11
0
Figure 39. Two-Tone FFT, Backoff = 3, fIN1 = 96.6 MHz, fIN2 = 99 MHz, AIN1 and
AIN2 = −8 dBFS, 2 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com