Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 79Page - Analog Devices AD9083BBCZ Datasheet HTML 80Page - Analog Devices AD9083BBCZ Datasheet HTML 81Page - Analog Devices AD9083BBCZ Datasheet HTML 82Page - Analog Devices AD9083BBCZ Datasheet HTML 83Page - Analog Devices AD9083BBCZ Datasheet HTML 84Page - Analog Devices AD9083BBCZ Datasheet HTML 85Page - Analog Devices AD9083BBCZ Datasheet HTML 86Page - Analog Devices AD9083BBCZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 83 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x500 JTX_PLL_RST
[7:1]
RESERVED
Reserved.
0x0
R
0
RSTB_JTX_PLL_RC
Force link reset from REGMAP.
0x0
R/W
0x501 PLL_ENABLE_CTRL
7
PLL_LOCKED_BYPASS_VAL
Bypass value for PLL_LOCKED output when
PLL_LOCKED_BYPASS is 1. Select between PLL
lock signal and timer based lock signal
generation
0x0
R/W
6
PLL_LOCKED_BYPASS
Bypass control for PLL_LOCKED output.
0: use state machine value
1: use PLL_LOCKED_BYPASS_VAL). Select
between PLL lock signal and timer based lock
signal generation
0x0
R/W
5
JTX_PLL_BYPASS_LOCK
Bypass PLL lock input.
0x0
R/W
4
RESERVED
Reserved.
0x0
R
3
LOLSTICKYCLEAR_FORCE_
JTX_PLL_RC
Clears out loss of lock bit.
0x0
R/W
2
RESERVED
Reserved.
0x0
R
1
LDSYNTH_FORCE_JTX_PLL_A
DC
to start calibration. A short "1" pulse starts VCO
calibration, the pulse width should be at least 1
reference clock period. Allows for user to do a
calibration at will.
0x0
R/W
0
PWRUP_JTX_PLL
Power up PLL. Power up PLL, starts LDO, Starts
Calibration, sends out PLL locked when done .
"Big green button", forces power up, will not
read back correctly if PLL is powered up
internally
0x0
R/W
0x502 PLL_STATUS
[7:5]
RESERVED
Reserved.
0x0
R
4
LOSSLOCK_JTX_PLL_RS
PLL went out-of-lock. Bit to indicate PLL went
out-of-lock at any time between frequency
acquisitions.
0x0
R
3
RFPLLLOCK_JTX_PLL_RS
PLL is locked when this bit is HIGH.
0x0
R
2
VCOCALINPROG_JTX_PLL_RS 0: when the last ALC is done (VCO cal. state
machine is in ALC_CAL_LSB state). 1: when
init_cal_redge=1 initiated by ld_synth
0x0
R
1
REGULATORRDY_JTX_PLL_RS High = indicates regulator voltage is above
threshold for at least cnt conversions
0x0
R
0
JTX_PLLLOCK_JTX_PLL_RS
PLL is locked when this bit is high.
0x0
R
0x506 PLL_ENCAL
[7:5]
RESERVED
Reserved.
0x0
R
4
PD_TXCLK_DIST_RC
txclk dist rc. Enable output clocks to serializer1 
SER
0x0
R/W
3
PD_RXCLK_DIST_RC
rxclk dist rc. Enable output clocks to serializer1 
SER
0x0
R/W
2
RESERVED
Reserved.
0x0
R
1
EN_TX_ONLY_JTX_PLL_RC
Enable output clocks to serializer
1  SER only
0x0
R/W
0
EN_OCTAVECAL_JTX_PLL_RC Determines whether to enable PLL octave
calibration.
0x0
R/W
0x507 JTX_PLL_REF_CLK_
DIV1_REG
7
REFCK_DIV40BDIV120_JTX_PLL Ref clock output (1/40 or 1/120).
0x0
R/W
6
DIVP_JTX_PLL_RC
Selects whether B is multiplied by 6 or 8. Selects
output division rate; 0->pd, 1->no divider, 2-
>divide by 2, 3->divide by 4
0x0
R/W
[5:4]
DIVM_JTX_PLL_RC
Selects output division rate;. Selects output
division rate; 0->/1, 1->/2. Bit [1] is not used.
0x2
R/W
3
RESERVED
Reserved.
0x0
R
[2:0]
REFINDIV_JTX_PLL_RC
Sets division rate on input:. Sets division rate on
input: 0->1, 1->2, 2->4, 3->8, 4 and above div 16
0x2
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com