Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 61Page - Analog Devices AD9083BBCZ Datasheet HTML 62Page - Analog Devices AD9083BBCZ Datasheet HTML 63Page - Analog Devices AD9083BBCZ Datasheet HTML 64Page - Analog Devices AD9083BBCZ Datasheet HTML 65Page - Analog Devices AD9083BBCZ Datasheet HTML 66Page - Analog Devices AD9083BBCZ Datasheet HTML 67Page - Analog Devices AD9083BBCZ Datasheet HTML 68Page - Analog Devices AD9083BBCZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 65 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
3
NCO_6DB_GAIN
Enable Gain 6 db.
1: Enables the 6 dB gain when NCO is used in
datapath
0: Disables 6 dB gain for all modes
0x0
R/W
2
BURST_MODE
Burst Mode.
1: Burst mode is selected. Selects the G/H path.
0: Non-burst Mode. Selects the Decimate by J path.
0x1
R/W
1
NO_DDC_MODE
NCO Bypass. Note that this bit is valid only for
non-burst mode.
0x0
R/W
1: Bypasses the NCO/MIXER( Real Data).
0: NCO/MIXER Enabled.
0
DATAPATH_EN
Datapath Enable.
1: Enables all the 16 datapaths.
0: Disables all the 16 datapaths.
0x0
R/W
0x117 CIC_CTRL
[7:3]
RESERVED
Reserved.
0x0
R
2
CIC_ACC_CLR
CIC Accumulator Clear.
1: Clears the CIC accumulators in all the 16
datapaths
0: No Action
0x0
R/W
[1:0]
CIC_DEC_RATE
CIC Decimation Rate.
00-Decimate by 4
01: Decimate by 8
10: Decimate by 16
This is common for all the 16 datapaths
0x0
R/W
00: Decimate by 4.
01: Decimate by 8.
10: Decimate by 16.
0x118 DECIMATE_H
[7:0]
H_VALUE
"H" Value. Specifies the "H" value for decimation
in burst mode. (G/H)
Eg: 'h04 ==> Decimate by 4
0x10
R/W
000001: 1.
001100: 12.
001110: 14.
010000: 16.
010010: 18.
011000: 24.
011100: 28.
100000: 32.
100100: 36.
0x119 DECIMATE_G
[7:0]
G_VALUE
"G" Value. Specifies the "G" value in burst mode.
(G/H)
It is for these many samples averaging has to be
done.
0x8
R/W
00000: N/A.
01000: 8.
10000: 16.
0x11A DECIMATE_J
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
DEC_J
Bits for J Decimator.
0x0
R/W
0000: Bypass (No Decimation).
0001: Decimate by 4.
0010: Decimate by 8.
0011: Decimate by 16.
0100: Not Valid.
0101: Not Valid.
0110: Decimate by 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com