Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 13Page - Analog Devices AD9083BBCZ Datasheet HTML 14Page - Analog Devices AD9083BBCZ Datasheet HTML 15Page - Analog Devices AD9083BBCZ Datasheet HTML 16Page - Analog Devices AD9083BBCZ Datasheet HTML 17Page - Analog Devices AD9083BBCZ Datasheet HTML 18Page - Analog Devices AD9083BBCZ Datasheet HTML 19Page - Analog Devices AD9083BBCZ Datasheet HTML 20Page - Analog Devices AD9083BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 17 of 93
TYPICAL PERFORMANCE CHARACTERISTICS
Nominal supply voltages, AIN = −2.0 dBFS, TJ = 45°C, and 128k FFT, unless otherwise noted.
FREQUENCY (Hz)
100k
1M
10M
100M
500M
–120
–108
–96
–84
–72
–60
–48
–36
–24
–12
0
Figure 4. ADC Noise Floor at Backoff = 3 dB, 1 GSPS
BACKOFF = 6dB
BACKOFF = 3dB
BACKOFF = 0dB
FREQUENCY (Hz)
100k
1M
10M
100M
500M
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
Figure 5. ADC NSD at Various Backoff Values, 1 GSPS
HD3
HD2
BACKOFF = 6dB
BACKOFF = 3dB
BACKOFF = 0dB
FREQUENCY (Hz)
1M
10M
50M
–120
–108
–96
–84
–72
–60
–48
–36
–24
–12
0
Figure 6. Harmonic Distortion 2 (HD2) and Harmonic Distortion 3 (HD3) at
Various Backoff Values, 1 GSPS
FREQUENCY (Hz)
100k
1M
10M
100M
1G
–120
–108
–96
–84
–72
–60
–48
–36
–24
–12
0
Figure 7. ADC Noise Floor at Backoff = 3 dB, 2 GSPS
BACKOFF = 6dB
BACKOFF = 3dB
BACKOFF = 0dB
FREQUENCY (Hz)
100k
1M
10M
100M
1G
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
Figure 8. ADC NSD at Various Backoff Values, 2 GSPS
HD3
HD2
BACKOFF = 6dB
BACKOFF = 3dB
BACKOFF = 0dB
FREQUENCY (Hz)
1M
10M
90M
–120
–108
–96
–84
–72
–60
–48
–36
–24
–12
0
Figure 9. HD2 and HD3 at Various Backoff Values, 2 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com