Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 28Page - Analog Devices AD9083BBCZ Datasheet HTML 29Page - Analog Devices AD9083BBCZ Datasheet HTML 30Page - Analog Devices AD9083BBCZ Datasheet HTML 31Page - Analog Devices AD9083BBCZ Datasheet HTML 32Page - Analog Devices AD9083BBCZ Datasheet HTML 33Page - Analog Devices AD9083BBCZ Datasheet HTML 34Page - Analog Devices AD9083BBCZ Datasheet HTML 35Page - Analog Devices AD9083BBCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 32 of 93
CLOCK INPUTS
The AD9083 ADC sample clock is generated by using the
on-chip, integrated, integer PLL VCO by providing a reference
clock signal to the CLK± differential inputs (Pin K3 and
Pin J3). Clock multiplying employs the on-chip ADC PLL that
accepts a reference clock operating at a submultiple of the
desired ADC sample rate. The operating range of the clock
multiplier reference input is 50 MHz to 500 MHz. The PLL
then multiplies the reference clock up to the desired ADC
sample clock frequency, which generates all the clocks within
the AD9083. The block diagram of the on-chip PLL is shown in
Figure 68.
The AD9083 contains a low jitter, differential clock receiver
that is capable of interfacing directly to a differential clock
source. The input is self biased with a nominal impedance of
100 Ω. It is recommended that the clock source be ac-coupled
to the CLK± input pins. Improved phase noise performance
can be achieved with a higher clock input level. The quality of
the clock source, as well as its interface to the AD9083 clock
input, directly impacts ac performance. Select the phase noise
and spur characteristics of the clock source to meet the target
application requirements. The typical phase noise performance
of the on-chip PLL when clocking the AD9083 at a 2 GHz
sample rate is shown in Figure 67.
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
–135
–140
–145
–150
–155
–160
–165
1k
10k
100k
1M
10M
FREQUENCY (Hz)
INTEGRATED JITTER = 148.2
fS rms
Figure 67. AD9083 On-Chip PLL Phase Noise vs. Frequency Offset, 2 GHz ADC
Sample Rate, On-Chip DDC Enabled
For optimal performance of the on-chip PLL, connect a low
ESR, low ESL, X7R dielectric, 2.2 µF capacitor between the
REG_VCO pin and GND. Additionally, connect a C0G or NP0
dielectric, 33 nF capacitor between the VCOARSE_VCO pin
and GND. Place these capacitors as close to the AD9083 chip as
possible to avoid any external noise coupling.
PFD
÷R
CAL
172kΩ
100Ω
CLK+
PCB
CHIP
CLK–
30Ω
30Ω
172kΩ
VCM
VCM
FILTER
OUTPUT
DIVIDER
CONTROL
÷D
REGULATOR
ADC_CLK
1GHz TO 2GHz
8.8GHz TO 12.4GHz
AVDD1P8
2.2µF
REG VCO
÷N
÷P
33nF
VCOARSE VCO
PCB
CHIP
Figure 68. AD9083 Clock Path Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com