Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 80 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 80 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 76Page - Analog Devices AD9083BBCZ Datasheet HTML 77Page - Analog Devices AD9083BBCZ Datasheet HTML 78Page - Analog Devices AD9083BBCZ Datasheet HTML 79Page - Analog Devices AD9083BBCZ Datasheet HTML 80Page - Analog Devices AD9083BBCZ Datasheet HTML 81Page - Analog Devices AD9083BBCZ Datasheet HTML 82Page - Analog Devices AD9083BBCZ Datasheet HTML 83Page - Analog Devices AD9083BBCZ Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 80 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x31F JTX_CLK_CTRL_REG
[7:4]
RESERVED
Reserved.
0x0
R
3
JTX_ASYNC_PCLK_EN
Enable to the Async Conv Clk Divider.
0x1
R/W
2
JTX_IFX_CLK_EN
Enable to the IFX Clock Divider.
0x1
R/W
1
JTX_CONV_CLK_EN
Enable to the Conv Clk Divider.
0x1
R/W
0
JTX_SYNC_PCLK_EN
Enable to the Sync PCLK Divider.
0x1
R/W
0x320 JTX_CLK_CTRL_REG2
[7:4]
RESERVED
Reserved.
0x0
R
3
JTX_CONV_CLK_DIV_
OVERRIDE
Override the Async Conv Clk Div Val with the
Regmap Val.
0x0
R/W
2
JTX_IFX_CLK_DIV_OVERRIDE
Override the Async Conv Clk Div Val with the
Regmap Val.
0x0
R/W
1
JTX_SYNC_PCLK_DIV_
OVERRIDE
Override the Async Conv Clk Div Val with the
Regmap Val.
0x0
R/W
0
JTX_ASYNC_PCLK_DIV_
OVERRIDE
Override the Async Conv Clk DivVal with the
Regmap Val.
0x0
R/W
0x321 IFX_CLK_DIV_REG1
[7:0]
IFX_CLK_DIV_VAL[7:0]
JESD IFX Clock Divider Value.
0x4
R/W
0x322 IFX_CLK_DIV_REG2
[7:1]
RESERVED
Reserved.
0x0
R
0
IFX_CLK_DIV_VAL[8]
JESD IFX Clock Divider Value.
0x0
R/W
0x323 ASYNC_PCLK_CTRL
7
TESTMUX_CLK_SEL
Select Testmux_clk[0] as the asynchronous clock. 0x0
R/W
6
TESTMUX_CLK_EN
Enable Testmux_clk[0] Select.
0x0
R/W
[5:4]
RESERVED
Reserved.
0x0
R
3
ASYNC_LANE_DOUT_SEL
Select Asynchronous Lane Data.
0x0
R/W
2
ASYNC_LINK_PCLK_SEL
Select Asynchronous Link PCLK.
0x0
R/W
1
ASYNC_LANE_CLK_SEL
Select Asynchronous Lane Clock.
0x0
R/W
0
ASYNC_IFX_PCLK_SEL
Select Asynchronous IFX PCLK.
0x0
R/W
0x325 JTX_PCLK_DIV_
INTEGER1
[7:0]
JTX_PCLK_DIV_INTEGER[7:0]
Integer Part for PCLK Divider.
0x0
R/W
0x326 JTX_PCLK_DIV_
INTEGER2
[7:1]
RESERVED
Reserved.
0x0
R
0
JTX_PCLK_DIV_INTEGER[8]
Integer Part for PCLK Divider.
0x0
R/W
0x327 JTX_PCLK_DIV_FRAC_
NUM
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
JTX_PCLK_DIV_FRAC_NUM
Fractional Numerator for PCLK Divider.
0x0
R/W
0x328 JTX_PCLK_DIV_FRAC_
DEN
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
JTX_PCLK_DIV_FRAC_DEN
Fractional Denominator for PCLK Divider.
0x0
R/W
0x329 JTX_IFX_PCLK_DIV_
INTEGER1
[7:0]
JTX_IFX_PCLK_DIV_
INTEGER[7:0]
Integer Part for PCLK Divider.
0x0
R/W
0x32A JTX_IFX_PCLK_DIV_
INTEGER2
[7:1]
RESERVED
Reserved.
0x0
R
0
JTX_IFX_PCLK_DIV_
INTEGER[8]
Integer Part for PCLK Divider.
0x0
R/W
0x32B JTX_IFX_PCLK_DIV_
FRAC_NUM
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
JTX_IFX_PCLK_DIV_FRAC_
NUM
Fractional Numerator for PCLK Divider.
0x0
R/W
0x32C JTX_IFX_PCLK_DIV_
FRAC_DEN
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
JTX_IFX_PCLK_DIV_FRAC_
DEN
Fractional Denominator for PCLK Divider.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com