Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 3Page - Analog Devices AD9083BBCZ Datasheet HTML 4Page - Analog Devices AD9083BBCZ Datasheet HTML 5Page - Analog Devices AD9083BBCZ Datasheet HTML 6Page - Analog Devices AD9083BBCZ Datasheet HTML 7Page - Analog Devices AD9083BBCZ Datasheet HTML 8Page - Analog Devices AD9083BBCZ Datasheet HTML 9Page - Analog Devices AD9083BBCZ Datasheet HTML 10Page - Analog Devices AD9083BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 7 of 93
Table 6. Variable Settings: fS = 2.0 GSPS, Backoff = 6, and EN_HP = 0
Parameters
Test Conditions/Comments
Min
Typ
Max
Unit
NSD
Flicker Noise Corner
1
MHz
At 15.625 MHz (fS/128)
AIN = −2.0 dBFS
−150
dBFS/Hz
At 31.25 MHz (fS/64)
AIN = −2.0 dBFS
−148
dBFS/Hz
At 100 MHz (fS/20)
AIN = −2.0 dBFS
−140
dBFS/Hz
SNR
AIN = −2.0 dBFS
7.8 MHz to 23.4 MHz (15.625 MHz Bandwidth)
77
dBFS
23.4 MHz to 39 MHz (15.625 MHz Bandwidth)
71
dBFS
92.2 MHz to 107.8 MHz (15.625 MHz Bandwidth)
61
dBFS
DC to 15.625 MHz
77
dBFS
DC to 31.25 MHz
71
dBFS
DC to 100 MHz
61
dBFS
SFDR/HD3
AIN = −2.0 dBFS
At fS/128
−82
dBc
At fS/64
−81
dBc
At fS/20
−66
dBc
IMD3
AIN = −8.0 dBFS
At fS/128
−82
dBc
At fS/64
−80
dBc
At fS/20
−66
dBc
Table 7. Variable Settings: fS = 2.0 GSPS, Backoff = 0, and EN_HP = 1
Parameters
Test Conditions/Comments
Min
Typ
Max
Unit
NSD
Flicker Noise Corner
1
MHz
At 15.625 MHz (fS/128)
AIN = −2.0 dBFS
−157
dBFS/Hz
At 31.25 MHz (fS/64)
AIN = −2.0 dBFS
−155
dBFS/Hz
At 100 MHz (fS/20)
AIN = −2.0 dBFS
−147
dBFS/Hz
SNR
AIN = −2.0 dBFS
7.8 MHz to 23.4 MHz (15.625 MHz Bandwidth)
85
dBFS
23.4 MHz to 39 MHz (15.625 MHz Bandwidth)
79
dBFS
92.2 MHz to 107.8 MHz (15.625 MHz Bandwidth)
69
dBFS
DC to 15.625 MHz
85
dBFS
DC to 31.25 MHz
79
dBFS
DC to 100 MHz
69
dBFS
SFDR/HD3
AIN = −2.0 dBFS
At fS/128
−80
dBc
At fS/64
−75
dBc
At fS/20
−60
dBc
IMD3
AIN = −8.0 dBFS
At fS/128
−80
dBc
At fS/64
−75
dBc
At fS/20
−60
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com