Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 8Page - Analog Devices AD9083BBCZ Datasheet HTML 9Page - Analog Devices AD9083BBCZ Datasheet HTML 10Page - Analog Devices AD9083BBCZ Datasheet HTML 11Page - Analog Devices AD9083BBCZ Datasheet HTML 12Page - Analog Devices AD9083BBCZ Datasheet HTML 13Page - Analog Devices AD9083BBCZ Datasheet HTML 14Page - Analog Devices AD9083BBCZ Datasheet HTML 15Page - Analog Devices AD9083BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 12 of 93
TIMING SPECIFICATIONS
Table 14.
Parameter
Description
Min
Typ
Max
Unit
SPI TIMING REQUIREMENTS
tDS
Setup time between the data and the rising edge of SCLK
4
ns
tDH
Hold time between the data and the rising edge of SCLK
4
ns
tCLK
Period of the SCLK
10
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
Minimum period that SCLK must be in a logic high state
4
ns
tLOW
Minimum period that SCLK must be in a logic low state
4
ns
tACCESS
Maximum time delay between falling edge of SCLK and output data valid for a
read operation
2
4
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an input relative to
the SCLK rising edge
6
ns
CSB
SCLK
SDIO
tS
tDH
tLOW
tDS
tHIGH
tCLK
tACCESS
tH
A13
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
A14
R/W
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
Figure 2. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com