Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 84 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 84 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 80Page - Analog Devices AD9083BBCZ Datasheet HTML 81Page - Analog Devices AD9083BBCZ Datasheet HTML 82Page - Analog Devices AD9083BBCZ Datasheet HTML 83Page - Analog Devices AD9083BBCZ Datasheet HTML 84Page - Analog Devices AD9083BBCZ Datasheet HTML 85Page - Analog Devices AD9083BBCZ Datasheet HTML 86Page - Analog Devices AD9083BBCZ Datasheet HTML 87Page - Analog Devices AD9083BBCZ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 84 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x508 PLL_DIV2
[7:0]
B_JTX_PLL_RC
Selects PLL feedback divider. Sets integer
division rate as N=8*B, where B=5 is its minimum
value. (divb)
0x5
R/W
0x50A PLL_DIVOVD
[7:4]
RESERVED
Reserved.
0x0
R
3
RXDIVRATEOVD_JTX_PLL_RC Override rxdivrate.
0x0
R/W
2
REFINDIVOVD_JTX_PLL_RC
Override refindiv.
0x1
R/W
1
DIVMOVD_JTX_PLL_RC
Override divm control.
0x1
R/W
0
BOVD_JTX_PLL_RC
Bypass from octave cal (use b_JTX_PLL_rc).
0x1
R/W
0x50B PLL_RXDIVRATE
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
RXDIVRATE_JTX_PLL_RC
When refindivovd is 1, sets value for rx_divrate.
0x8
R/W
0x50C PLL_VCO_TRIM
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
VCORTRIM_JTX_PLL_RC
Trim code slaved to 6-bits in the bandgap.
0x0
R/W
0x50D PLL_REFCLK_CPL
[7:2]
RESERVED
Reserved.
0x0
R
1
SEL_REFINDIV3_JTX_PLL_RC
Enables additional /3 on input reference clock to
PLL.
0x0
R/W
0
SEL_REFCKDCACB_JTX_PLL_RC Determines whether the reference clock input
should be DC-coupled (1) or AC coupled (0)
0x1
R/W
0x50E CBUS_REN_JTX_PLL
[7:1]
RESERVED
Reserved.
0x0
R
0
CBUS_REN_JTX_PLL_RC
Read enable for JTX_PLL registers.
0x0
R/W
0x50F CBUS_WSTROBE_JTX_
PLL
[7:1]
RESERVED
Reserved.
0x0
R
0
CBUS_WSTROBE_JTX_PLL_RC Write Strobe for JTX_PLL registers.
0x0
R/W
0x510 CKDIST_PD
[7:2]
RESERVED
Reserved.
0x0
R
1
IDIST_PD_RC
Enable output clocks to serializer.
1 : Enable
0x0
R/W
0
PD_PPF_DES_RC
Enable output clocks to serializer
1 : Enable
0x0
R/W
0x511 POLYPHASE_CTRL
[7:0]
TRIM_POLYPHASE_DES_RC
DESIGNER DEBUG: Polyphase control. DESIGNER
DEBUG: Polyphase control: <6:5>:
ppf_divm_od<1:0>, <4>: en_ppf_divm_od,
<3:1>: inv_str_od<2:0>, <0>: en_inv_str_od.
0x2F
R/W
0x512 PLL_READ_FREQ4
[7:0]
VCOFREQBAND_JTX_PLL_
RS[7:0]
VCO frequency control word that sets VCO
frequency, 00: max. VCO frequency, 7FF: min.
VCO frequency
0x0
R
0x513 PLL_READ_FREQ5
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
VCOFREQBAND_JTX_PLL_RS[
10:8]
VCO frequency control word that sets VCO
frequency, 00: max. VCO frequency, 7FF: min.
VCO frequency
0x0
R
0x514 PLL_PTAT_STARTUP
[7:0]
PTAT_STARTUP_JTX_PLL_RC
PTAT startup control.
0x0
R/W
0x515 PLL_PTAT_STARTUP_
STATUS1
[7:1]
RESERVED
Reserved.
0x0
R
0
PTAT_STARTUP_STATUS_RS1 PTAT startup status.
0x0
R
0x516 PLL_PTAT_STARTUP_
STATUS2
[7:1]
RESERVED
Reserved.
0x0
R
0
PTAT_STARTUP_STATUS_RS2 PTAT startup status.
0x0
R
0x517 PLL_TEMP
[7:1]
RESERVED
Reserved.
0x0
R
0
TDEGCINIT_JTX_PLL_RC
Low-to-High transition activates on-chip
temperature measurement.
0x0
R/W
0x51E PLL_LOCK_CTL1
[7:4]
JTX_PLL_LOCK_DIVIDER[3:0]
PLL Lock counter.
0x0
R/W
[3:1]
RESERVED
Reserved.
0x0
R
0
JTX_PLL_LOCK_SEL
PLL lock and timer based lock select. Select
between PLL lock signal and timer based lock
signal generation
0x0
R/W
0x51F PLL_LOCK_CTL2
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
JTX_PLL_LOCK_DIVIDER[9:4]
PLL Lock counter.
0x0
R/W
0x520 CBUS_ADDR
[7:0]
CBUS_ADDR_JTX_PLL_RC
Control bus address select.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com