Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 40Page - Analog Devices AD9083BBCZ Datasheet HTML 41Page - Analog Devices AD9083BBCZ Datasheet HTML 42Page - Analog Devices AD9083BBCZ Datasheet HTML 43Page - Analog Devices AD9083BBCZ Datasheet HTML 44Page - Analog Devices AD9083BBCZ Datasheet HTML 45Page - Analog Devices AD9083BBCZ Datasheet HTML 46Page - Analog Devices AD9083BBCZ Datasheet HTML 47Page - Analog Devices AD9083BBCZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 44 of 93
fC Calculation from FTW
The actual fC from the example above can be calculated as
follows:
7
_
_
2
IN
C
NCO FTW f
Actual f
×
=
For the example listed above, the actual tuning frequency is
7
2 GHz
26
4
_
101.5625 MHz
2

× 

=
=
C
Actual
f
The example in this section shows that, even though the
requested frequency is 100 MHz, the actual tuning frequency is
about 1.5% off the actual value. It is important that the system
designer be aware of this phenomenon and adjust the
frequency plan of the logic device. One way to increase this
resolution is to increase the CIC decimation ratio. In the
previous example, if the CIC decimation ratio is increased to 8
(instead of 4), the NCO_FTW results in a value of 51, which
calculates to 99.6094 MHz. This frequency only varies from the
actual requested frequency of 100 MHz by ~0.4%. However,
choosing this frequency plan results in an increased CIC filter
droop, as shown in Figure 78. Therefore, care must be taken to
choose the appropriate ADC sample rates, CIC decimation
ratio, and the NCO frequency tuning word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com