Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 89 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 85Page - Analog Devices AD9083BBCZ Datasheet HTML 86Page - Analog Devices AD9083BBCZ Datasheet HTML 87Page - Analog Devices AD9083BBCZ Datasheet HTML 88Page - Analog Devices AD9083BBCZ Datasheet HTML 89Page - Analog Devices AD9083BBCZ Datasheet HTML 90Page - Analog Devices AD9083BBCZ Datasheet HTML 91Page - Analog Devices AD9083BBCZ Datasheet HTML 92Page - Analog Devices AD9083BBCZ Datasheet HTML 93Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 89 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 89 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
[1:0]
G_H_SYNC_MODE
Mode Selection for G H Sync.
0x0
R/W
00: Sysref Based Synchronization.
01: Trigger Based Synchronization with exclusive
trigger.
10: Trigger Based Synchronization with sysref
repurposed.
11: Direct Pulse Mode.
0xE25 G_H_SYNC_SYSREF_
FUNC_VAL
[7:1]
RESERVED
Reserved.
0x0
R
0
SYSREF_FUNC
Flag for Sysref Function for Mode 2 with sysref
repurposed.
0x0
R/W
0xE26 TRIG_AVG_DELAY_VAL [7:0]
AVERAGER_DELAY
Moving Averager Strobe Delay in terms of
number of clock cycles of cic_clk. Indicates the
amount of delay to be incurred on the strobe for
moving averager.
Strobe is initiated by G/H trig, and this register
indicates the amount of delay on that strobe.
0xE
R/W
0xE27 TRIG_AVG_DELAY_G_V
AL
[7:0]
AVERAGER_G_DELAY
Moving Averager Strobe Delay to account for G
value in terms of cic_clk cycles.
0x0
R/W
0xE28 TRIG_NCO_DELAY_VAL [7:0]
NCO_DELAY
NCO Strobe/Reset Delay in terms of cic_clk
cycles. Indicates the amount of delay to be
incurred on the strobe/Reset for NCO.
Strobe is initiated by G/H trig, and this register
indicates the amount of delay on that strobe for
NCO.
0x0
R/W
0xE30 TRIG_DELAY_OVERWRI
TE
[7:4]
RESERVED
Reserved.
0x0
R
3
OVERWRITE_TRIGGER_DELAY 1: Overwrite the TRIGGER delay 0 : Don't
overwrite the delay value.
0x0
R/W
2
OVERWRITE_NCO_DELAY
1: Overwrite the NCO delay 0 : Don't overwrite
the delay value.
0x0
R/W
1
OVERWRITE_AVERAGER_
DELAY
1: Overwrite the Averager delay 0 : Don't
overwrite the delay value.
0x0
R/W
0
OVERWRITE_AVERAGER_G_
DELAY
1: Overwrite the Averager G delay 0 : Don't
overwrite the delay value.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com