Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 74Page - Analog Devices AD9083BBCZ Datasheet HTML 75Page - Analog Devices AD9083BBCZ Datasheet HTML 76Page - Analog Devices AD9083BBCZ Datasheet HTML 77Page - Analog Devices AD9083BBCZ Datasheet HTML 78Page - Analog Devices AD9083BBCZ Datasheet HTML 79Page - Analog Devices AD9083BBCZ Datasheet HTML 80Page - Analog Devices AD9083BBCZ Datasheet HTML 81Page - Analog Devices AD9083BBCZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 78 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x2A4 JTX_DL_204B_CONFIG1 [7:3]
RESERVED
Reserved.
0x0
R
2
JTX_DL_204B_LSYNC_EN_
CFG
Lane sync on both sides enabled.
0x0
R/W
1
JTX_DL_204B_DEL_SCR_CFG Alternative scrambler enable (see JESD204B
section 5.2.4) 1 = scrambling begins at octet 2 of
user data 0 = scrambling begins at octet 0 of user
data This is the common usage.
0x0
R/W
0
JTX_DL_204B_10B_MIRROR
Reverse order of 10 bit symbols from 204B link
layer data.
0x0
R/W
0x2A5 JTX_DL_204B_CONFIG2 [7:6]
RESERVED
Reserved.
0x0
R
5
JTX_DL_204B_TESTMODE_IG
NORE_SYNCN_CFG
ignore sync_n input during D21.5 and RPAT
modes.
0x0
R/W
4
JTX_DL_204B_TPL_TEST_EN_
CFG
Turn on JESD Pattern Sequence test mode.
0x0
R/W
3
RESERVED
Reserved.
0x0
R
[2:1]
JTX_DL_204B_RJSPAT_SEL_C
FG
High Frequency Patterns Test Modes 11 =
Unused 10 = JTSPAT Sequence 01 = JSPAT
Sequence 00 = RPAT Sequence.
0x0
R/W
0
JTX_DL_204B_RJSPAT_EN_CF
G
Enable RPAT/JSPAT/JTSPAT Generator 1 = on
(Note: Must also set phy_data_sel[n] = 1) 0 = off.
0x0
R/W
0x2A6 JTX_DL_204B_KF_ILAS [7:0]
JTX_DL_204B_KF_ILAS_CFG
Number of multiframes to transmit during
initialization sequence = 4*(kf_ilas_cfg+1).
0x0
R/W
0x2A8 JTX_DL_204B_SYNC_N 7
JTX_DL_204B_SYNC_N
JESD204 Frame Sync. Active low. Synchronous
upon rising edge pclk. 0=transmit code group
sync (K characters). Subclass 1: Internal LMFC
reset for 1-pclk by falling edge sync_n Subclass 0:
Internal lmfc held in reset by sync_n=0.
0x0
R
[6:2]
RESERVED
Reserved.
0x0
R
1
JTX_DL_204B_SYNC_N_
FORCE_EN
Force SYNC~ signal to value specified.
0x0
R/W
0
JTX_DL_204B_SYNC_N_
FORCE_VAL
Value to force SYNC~ if force enabled.
0x0
R/W
0x2A9 JTX_DL_204B_CLEAR_
SYNC_NE_COUNT
[7:1]
RESERVED
Reserved.
0x0
R
0
JTX_DL_204B_CLEAR_SYNC_
NE_COUNT
Clear counter of SYNC~ falling edges.
0x0
R/W
0x2AA JTX_DL_204B_SYNC_
NE_COUNT
[7:0]
JTX_DL_204B_SYNC_NE_COU
NT
Count of falling SYNC~ edges.
0x0
R
0x2AB
to
0x2AE
by 1
JTX_DL_204B_LANE_
CONFIGn
[7:5]
RESERVED
Reserved.
0x0
R
4
JTX_DL_204B_SCR_IN_CTRL_
CFG
connect test_data[39:0] to scrambler input for
lane n.
0x0
R/W
3
JTX_DL_204B_SCR_DATA_
SEL_CFG
Scrambler Input JESD Data on Lane Boundary
scr_data_sel_cfg [n]: 1 = Continuous D21.5 Data
for Lane [n] scr_data_sel_cfg [n]: 0 = JESD Frame
Memory or ILAS Data for Lane[n].
0x0
R/W
2
JTX_DL_204B_PHY_DATA_
SEL_CFG
JESD Data to PHY on a Lane Boundary [n]:
1 = RPAT/JSPAT/JTSPAT Generator Data [n]:
0 = 8-bit/10-bit Encoder Output Data.
0x0
R/W
1
RESERVED
Reserved.
0x0
R
0
RESERVED
Reserved
0x0
R/W
0x2C9
to
0x2CC
by 1
JTX_PHY_IFX_LANE_
CONFIGn
[7:4]
JTX_LANE_FIFO_WR_ENTRIES Number of entries in the FIFO synchronized to
the write pointer.
0x0
R
[3:0]
JTX_BR_LOG2_RATIO
Log(bit repeat ratio)/Log(2), per lane.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com