Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 86 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 86 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 82Page - Analog Devices AD9083BBCZ Datasheet HTML 83Page - Analog Devices AD9083BBCZ Datasheet HTML 84Page - Analog Devices AD9083BBCZ Datasheet HTML 85Page - Analog Devices AD9083BBCZ Datasheet HTML 86Page - Analog Devices AD9083BBCZ Datasheet HTML 87Page - Analog Devices AD9083BBCZ Datasheet HTML 88Page - Analog Devices AD9083BBCZ Datasheet HTML 89Page - Analog Devices AD9083BBCZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 86 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0xBA2 VTI_SHIFT_CURRENT_
MSB_REG
7
SPARE_REG_12_7
(vti_force_cm): 0 = vti normal mode, 1= vti input
common-mode is forced by input.
0x0
R/W
6
SPARE_REG_12_6
(vti_high_imp): 0 = vti normal mode, 1= vti
input common-mode is high impedance.
0x0
R/W
[5:4]
RTERM
Termination Resistance.
0x0
R/W
00: Open.
01: 200 Ohm.
10: 100 Ohm.
[3:0]
RESERVED
Reserved.
0x0
R/W
0xBB3 CAL_EN
7
ENABLE_CLOCK
Clock Enable for the VCO ADC Digital.
0x0
R/W
[6:0]
RESERVED
Reserved.
0x0
R/W
0xBBA KGAIN_VAL0
[7:0]
KGAIN_VAL[7:0]
floor(kgain) – (2^8)*Kgain1 – (2^16)*Kgain2
0x0
R/W
0xBBB KGAIN_VAL1
[7:0]
KGAIN_VAL[15:8]
floor(kgain/2^8) – (2^8)*Kgain2
0x0
R/W
0xBBC KGAIN_VAL2
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
KGAIN_VAL[21:16]
floor(kgain/2^16)
0x0
R/W
0xBC3 BCENTER_1
[7:2]
BCENTER_OFFSET
Offset Value for Bcenter.
0x0
R/W
[1:0]
RESERVED[9:8]
Reserved.
0x0
R
0xBC8 DIVM_RC
[7:0]
DIVM_RC
Wait Time for C Measurement. Valid range is 125-
255. This multiplied by the fs/8 clock period
determines the time between falling edge of
C_RESET to falling edge of C_CLK for C ramp.
0x0
R/W
Temperature Diode Control Registers
0xC01 TRM_TEMP_DIODE
[7:0]
TRM_TEMP_DIODE
0x0
R/W
00: Default.
11: Temp sensor: Enable sense 1x and 20x diode
voltages.
0xC04 TOP_REF_MONITOR
[7:4]
RESERVED
Reserved.
0x0
R
[3:2]
SPI_SEL_MON_TEMP
0x0
R/W
00: Default.
01: Temp Sensor: measure 1x diode (also set
trm_temp_diode[7:0] = 3).
10: Temp sensor: measure 20x diode (also set
trm_temp_diode[7:0] = 3).
11: Temp sensor: measure GND.
[1:0]
RESERVED
Reserved.
0x0
R/W
On-Chip PLL Configuration Registers
0xD02 RESET_REG
[7:2]
RESERVED
Reserved.
0x0
R
1
D_CAL_RESET
Resets Vco Calibration. Rising edge starts VCO
momcap calibration.
0x0
R/W
0
RESERVED
Reserved.
0x0
R/W
0xD03 INPUT_MISC_REG
[7:2]
RESERVED
Reserved.
0x4
R
[1:0]
D_REFIN_DIV
Programmable Predivider Value (1,2,3,4) (Also
called /R in some documentation).
0x0
R/W
00: /1.
01: /2.
10: /3.
11: /4.
0xD04 CHARGEPUMP_REG_0
[7:6]
RESERVED
Reserved.
0x0
R/W
[5:0]
D_CP_CURRENT
Charge Pump Current
0x13
R/W
0xD09 DIVIDER_REG
[7:6]
RESERVED
Reserved.
0x0
R/W
[5:0]
D_DIVIDE_CONTROL
Programmable Divide by N Value (2-50)
0x6
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com