Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD9083BBCZ Datasheet HTML 1Page - Analog Devices AD9083BBCZ Datasheet HTML 2Page - Analog Devices AD9083BBCZ Datasheet HTML 3Page - Analog Devices AD9083BBCZ Datasheet HTML 4Page - Analog Devices AD9083BBCZ Datasheet HTML 5Page - Analog Devices AD9083BBCZ Datasheet HTML 6Page - Analog Devices AD9083BBCZ Datasheet HTML 7Page - Analog Devices AD9083BBCZ Datasheet HTML 8Page - Analog Devices AD9083BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 5 of 93
Parameter5
1.0 GSPS
2.0 GSPS
Unit
Min
Typ
Max
Min
Typ
Max
POWER CONSUMPTION
Total Power Dissipation
(Including Output Drivers)7
1.0
1.4
W
Power-Down Dissipation
56
86
mW
Standby8
676
802
mW
Power per Channel
63
90
mW
1
The TJ range of −40°C to +115°C translates to an TA range of −40°C to +85°C.
2
16-channel, 125 MSPS real output mode.
3
Backoff is the reduction in front-end gain for increased linearity.
4
EN_HP increases the SNR by 2.5 dB at an increased power dissipation.
5
See the AN-835 for definitions and for details on how these tests were completed.
6
RIN = 8 kΩ/Kvti, where Kvti is proportional to the ADC front-end gain factor, RIN = 1000 Ω for fS = 1 GSPS, and RIN = 381 for fS = 2 GSPS.
7
See Table 1 for setup details. Note that power consumption varies as a function of sample rate, the decimation options selected, and the JESD204B setup.
8
Can be controlled by SPI, ADC in low power mode.
AC SPECIFICATIONS
AVDD = 1.0 V, AVDD1P8 = 1.8 V, DVDD = 1.0 V, DVDD1P8 = 1.8 V, VMAX = 1.8 V, −40°C ≤ TJ ≤ +115°C TJ range of −40°C to +115°C
translates to a TA range of −65°C to +85°C. The mode details are as shown in Table 1 (16-channel, 125 MSPS, real output mode), unless
otherwise noted. Typical specifications represent performance at TJ = 45°C (TA = 25°C).
Table 3.
1.0 GSPS
2.0 GSPS
Parameter1
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
NOISE SPECTRAL DENSITY (NSD)
Flicker Noise Corner
1
1
MHz
NSD at 22 MHz
Backoff = 0, EN_HP = 0
−141
−146
−144
dBFS/Hz
AIN = −3.0 dBFS, frequency (f) = 22 MHz
Backoff = 3, EN_HP = 0
−138
−145
dBFS/Hz
Backoff = 6, EN_HP = 0
−136
−142
dBFS/Hz
Backoff = 0, EN_HP = 1
−144
−149
−146
dBFS/Hz
SIGNAL-TO-NOISE RATIO (SNR)
SNR at 22 MHz
Backoff = 0, EN_HP = 0
60
62
65
dBFS
AIN = −3.0 dBFS, f = 22 MHz
Backoff = 3, EN_HP = 0
57
64
dBFS
Backoff = 6, EN_HP = 0
55
61
dBFS
Backoff = 0, EN_HP = 1
63
65
67
dBFS
SPURIOUS-FREE DYNAMIC RANGE (SFDR)/
THIRD-ORDER HARMONIC DISTORTION (HD3)
HD3 at 22 MHz
Backoff = 0, EN_HP = 0
−68
−69
−64
dBc
AIN = −3.0 dBFS, f = 22 MHz
Backoff = 3, EN_HP = 0
−76
−71
dBc
Backoff = 6, EN_HP = 0
−74
−75
dBc
Backoff = 0, EN_HP = 1
−66
−69
−63
dBc
THIRD-ORDER INTERMODULATION DISTORTION
(IMD3)
SFDR/HD3 at 22 MHz
Backoff = 0, EN_HP = 0
−83
−85
dBFS
AIN = −9.0 dBFS, f = 22 MHz
Backoff = 3, EN_HP = 0
−86
−86
dBFS
Backoff = 6, EN_HP = 0
−93
−86
dBFS
Backoff = 0, EN_HP = 1
−87
−85
dBFS
Delete blank line
In-Band Gain Flatness2
25°C
0.3
0.5
dB
CROSSTALK3
25°C
90
90
dB
ANALOG INPUT BANDWIDTH, FULL POWER4
25°C
62.5
125
MHz
1
See AN-835 for definitions and for details on how these tests were completed.
2
The gain flatness may vary depending on the digital filter selection in the datapath.
3
Crosstalk is measured at 30.3 MHz with a −2.0 dBFS analog input on one channel, and no input on the adjacent channel.
4
Full power bandwidth of fS/16 is achieved only when CIC decimation = 4 is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com